Electronic Components Datasheet Search
  English  ▼

X  

TDP142 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TDP142
Description  TDP142-Q1 DisplayPort™ 8.1Gbps Linear Redriver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP142 Datasheet(HTML) 1 Page - Texas Instruments

  TDP142 Datasheet HTML 1Page - Texas Instruments TDP142 Datasheet HTML 2Page - Texas Instruments TDP142 Datasheet HTML 3Page - Texas Instruments TDP142 Datasheet HTML 4Page - Texas Instruments TDP142 Datasheet HTML 5Page - Texas Instruments TDP142 Datasheet HTML 6Page - Texas Instruments TDP142 Datasheet HTML 7Page - Texas Instruments TDP142 Datasheet HTML 8Page - Texas Instruments TDP142 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
TDP142-Q1 DisplayPort™ 8.1Gbps Linear Redriver
1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature: –40°C to 105°C, TA
• DisplayPort™ 1.4 up to 8.1Gbps (HBR3)
• Ultra-low-power architecture
• Linear redriver with up to 12dB at 4.05GHz
equalization
• Transparent to DisplayPort™ link training
• Configuration through GPIO or I2C
• Hot-plug capable
• Support DisplayPort™ dual-mode standard version
1.1 (AC-coupled HDMI®)
• Available in a 7mm × 5mm, 0.5mm pitch VQFN
package
2 Applications
• Rear seat entertainment
• Automotive head unit
• Automotive infotainment and cluster
• Active cables
3 Description
The TDP142-Q1 is a DisplayPort™ (DP) linear
redriver that is able to snoop AUX and HPD signals.
The device complies with the VESA® DisplayPort™
standard Version 1.4, and supports a 1-lane to
4-lane Main Link interface signaling up to HBR3
(8.1Gbps per lane). Additionally, this device is position
independent. The TDP142-Q1 can be placed inside
source, cable or sink effectively providing a negative
loss component to the overall link budget.
The TDP142-Q1 provides several levels of receive
linear equalization to compensate for cable and board
trace loss due to inter symbol interference (ISI). The
TDP142-Q1 operates on a single 3.3V supply and
comes in an Automotive Grade 2 temperature range.
Package Information
PART NUMBER
PACKAGE (1)
PACKAGE SIZE(2)
TDP142-Q1
RGF (VQFN, 40)
7mm × 5mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
TDP142
DP
Receptacle
ML0_IN
ML1_IN
ML2_IN
ML3_IN
ML0_OUT
ML1_OUT
ML2_OUT
ML3_OUT
AUX
HPD
GPU
Copyright © 2017, Texas Instruments Incorporated
Simplified Schematic
Infotainment
Hub (DP)
TDP142-Q1
TDP142-Q1
TDP142-Q1
TDP142-Q1
TDP142-Q1
Application Use Case
TDP142-Q1
SLLSG10A – NOVEMBER 2024 – REVISED FEBRUARY 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TDP142

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
DisplayPort 8.1 Gbps Linear Redriver
TDP142 TI-TDP142 Datasheet
2Mb / 39P
TDP142-Q1 DisplayPort™ 8.1Gbps Linear Redriver
NOVEMBER 2024
TDP142 TI2-TDP142 Datasheet
976Kb / 36P
TDP142 DisplayPortTM 8.1 Gbps Linear Redriver
REVISED MAY 2019
TDP142 TI2-TDP142 Datasheet
976Kb / 36P
TDP142 DisplayPortTM 8.1 Gbps Linear Redriver
REVISED MAY 2019
TDP142-Q1 TI-TDP142-Q1 Datasheet
2Mb / 39P
TDP142-Q1 DisplayPort™ 8.1Gbps Linear Redriver
NOVEMBER 2024
More results

Similar Description - TDP142

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
DisplayPort Linear Redriver
logo
Pericom Semiconductor C...
PI2EQXDP101-A PERICOM-PI2EQXDP101-A Datasheet
828Kb / 11P
1 to 1 DisplayPort ReDriver
logo
Texas Instruments
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
DisplayPort 8.1 Gbps Linear Redriver
TUSB1046A-DCI TI1-TUSB1046A-DCI_17 Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
DisplayPort 20Gbps 4-lane linear redriver
PTN38003A NXP-PTN38003A Datasheet
770Kb / 55P
Multi-protocol USB3.2 and DisplayPort linear redriver
Rev.2.1-8 December 2021
logo
Diodes Incorporated
PI3DPX1203 DIODES-PI3DPX1203 Datasheet
3Mb / 41P
DisplayPort 1.4 Linear ReDriver for Source, Active Cable & Sink-side Applications
Rev 2 - 2 February 2021
logo
Texas Instruments
TDP2004 TI1-TDP2004 Datasheet
1Mb / 29P
TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com