Electronic Components Datasheet Search
  English  ▼

X  

MCP3460R Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP3460R
Description  Two-Channel, 153.6 kSPS, Low-Noise, 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3460R Datasheet(HTML) 2 Page - Microchip Technology

  MCP3460R Datasheet HTML 1Page - Microchip Technology MCP3460R Datasheet HTML 2Page - Microchip Technology MCP3460R Datasheet HTML 3Page - Microchip Technology MCP3460R Datasheet HTML 4Page - Microchip Technology MCP3460R Datasheet HTML 5Page - Microchip Technology MCP3460R Datasheet HTML 6Page - Microchip Technology MCP3460R Datasheet HTML 7Page - Microchip Technology MCP3460R Datasheet HTML 8Page - Microchip Technology MCP3460R Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 103 page
background image
MCP3460R
DS20006975A-page 2
 2025 Microchip Technology Inc. and its subsidiaries
General Description
The MCP3460R is a precision 16-bit single differential-
channel (two single-ended)
 ADC device, with
programmable data rates up to 153.6 kSPS.
The MCP3460R device uses a second-order delta-
sigma multi-bit modulator with Oversampling Ratio
(OSR) from 32 to 98304 and gain settings ranging
from 1/3x to 64x. The dual SINC filter implementation
can achieve a SINAD of 97.2 dB or up to 153.6 kSPS
ADC conversion rate.
MCP3460R offers two selectable conversion modes:
Continuous
Conversion
mode
and
One-Shot
Conversion mode. In One-Shot Conversion mode, the
device enters a low-power mode automatically after
each conversion is completed, while Continuous
Conversion mode offers the capability of non-stop
conversions of an individual channel until the ADC is
instructed to stop.
The MCP3460R includes an internal input-channel
scan-sequencer (Scan mode) which offers automatic
scanning of selected input channels and internal
system resources such as Temperature, Supply
Voltage, Offset Error and Gain Error. A 24-bit Timer
can be used to create automatic conversion-loop
sequences without the need for MCU communication.
To reduce system component count and total solution
cost, the MCP3460R device offers integrated features
such as an Internal Voltage Reference, Internal Clock
Oscillator,
Internal
Temperature
Sensor
and
Programmable Gain, which are configurable using the
bit settings of the internal configuration registers.
The internal configuration registers are easily
accessible via a 20 MHz SPI-compatible serial
interface using simple 8-bit SPI Commands and
communication protocols for various Continuous
Read/Write Modes.
The various data-format options offer flexible user-
friendly connectivity with various 8-bit, 16-bit and 32-
bit host MCUs.
An
internal
16-bit
Cyclic-Redundancy-Checksum
engine (CRC-16) protects the data integrity of the
internal register settings (Register-Map Lock) and SPI
communications.
The device operates from an analog/digital supply of
2.7V to 3.6V and is available in a 3 mm x 3 mm x 1 mm,
20-Lead VQFN (2LX Package Code) which is specified
over an Extended Temperature Range of -40°C to
+125°C.
Package Type
Functional Block Diagram
1
17
2
3
4
5
6 78 9 10
15
14
13
12
11
20 19 18
16
CH0
CH1
SCK
CS
SDO
EP
21
REFIN-
NC
REFIN+/OUT
SDI
IRQ/MDAT
*Includes Exposed Thermal Pad (EP); see Table 3-1.
MCP3460R
20-Lead, VQFN* (3 x 3 x 1 mm)
AMCLK
DMCLK/DRCLK
POR
AVDD
Monitoring
VREF+
MCLK
IRQ/MDAT
Digital SPI
Interface
and Control
Clock
Generation
(RC Oscillator)
DMCLK
OSR[3:0]
PRE[1:0]
ANALOG
DIGITAL
SDO
SDI
SCK
CS
AGND
DGND
AVDD
DVDD
VIN+
VIN-
-
+
2nd Order
Modulator
with Analog
Gain
+
x
Offset/Gain
Calibration
POR
DVDD
Monitoring
REFIN+/OUT
REFIN-
VREF-
SINC3 Filter
with Digital
Gain
SINC1
Filter
A/D Converter
Analog
Differential
Multiplexer
CH0
TEMP
Diodes
AGND AVDD
VREF_SEL
Voltage 
Reference
+
‐
2.4V
CH1
NC
NC
NC
NC
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com