Electronic Components Datasheet Search
  English  ▼

X  

MCP3460R Datasheet(PDF) 47 Page - Microchip Technology

Part # MCP3460R
Description  Two-Channel, 153.6 kSPS, Low-Noise, 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3460R Datasheet(HTML) 47 Page - Microchip Technology

Back Button MCP3460R Datasheet HTML 43Page - Microchip Technology MCP3460R Datasheet HTML 44Page - Microchip Technology MCP3460R Datasheet HTML 45Page - Microchip Technology MCP3460R Datasheet HTML 46Page - Microchip Technology MCP3460R Datasheet HTML 47Page - Microchip Technology MCP3460R Datasheet HTML 48Page - Microchip Technology MCP3460R Datasheet HTML 49Page - Microchip Technology MCP3460R Datasheet HTML 50Page - Microchip Technology MCP3460R Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 103 page
background image
 2025 Microchip Technology Inc. and its subsidiaries
DS20006975A page 47
MCP3460R
Proper decoupling ceramic capacitors (0.1 µF and
10 µF ceramic) should be placed as close as possible
to the power supply pins (AVDD, DVDD) to provide
additional transient immunity.
During Full Shutdown mode, the power supply voltages
are not monitored to be able to reach ultra-low power
consumption. The device cannot generate a POR event
interrupt in this mode, except for cases of extremely
low-power supply voltages. See Section 5.10.1 “Full
Shutdown Mode”.
In order to ensure a proper power-up sequence, the
ramp rate of DVDD must not exceed 3 V/µs when
coming out of the POR state.
FIGURE 5-10:
Power-on Reset Timing Diagram.
5.9
ADC Operating Modes
The ADC can be placed into three different operating
modes: ADC Shutdown, Standby and Conversion. The
ADC operating mode is controlled by the user through
the ADC_MODE[1:0] bits in the CONFIG0 register. The
user can directly launch conversions or place the ADC
into ADC Shutdown or Standby mode by writing these
bits. Additional Fast commands are available for each
of the three possible states of these bits to allow faster
programming in case of time-sensitive applications
(see
Section 6.2.4
“Command-Type
Bits
(CMD[1:0])”). Table 5-9 describes the available ADC_-
MODE[1:0] bits setting.
The ADC_MODE[1:0] bits do not give an instantaneous
representation
of
the ADC
state.
Writing
the
ADC_MODE[1:0] bits sets the desired state of the ADC,
but this state is only attained after a start-up time
depending on the current state of the ADC (see
Section 5.11 “ADC Start-up Timer” for details about
the start-up timer). Typically, the device starts in ADC
Shutdown mode after a POR (ADC_MODE[1:0] = 00 by
default). To launch conversions in the desired
configuration, the user should program the part in the
desired configuration and then set the ADC_MODE[1:0]
bits to ‘11’. In this case, the first conversion starts after
TADC_SETUP = 256 DMCLK periods. This time is
necessary for the MCP3460R to adjust to the new
programmed settings and settle in to its operating point
to accurately convert the input signals.
Internally, the MCP3460R tracks the current state of
the ADC, as well as the start-up timer counter, to be
able to optimize the start-up time depending on the
desired transitions and internal configurations required
and set by the user.
In MUX mode, overwriting the ADC_MODE[1:0] bits to
‘11’ when the ADC is already in conversion resets and
restarts the current conversion immediately. The
conversion start pulse will also be regenerated if the
EN_STP bit is enabled.
In Scan mode (see Section 5.15 “Scan Mode”),
writing the ADC_MODE[1:0] bits to ‘11’ starts the
conversion Scan cycle. During the complete cycle,
even when the Scan timer is enabled, reading the
ADC_MODE[1:0] bits gives a ‘11’ code output,
meaning that the Scan cycle is ongoing. Rewriting
ADC_MODE[1:0] = 11 during Scan mode resets
immediately and restarts the entire Scan sequence
from the beginning. The conversion start pulse will also
be regenerated if the EN_STP bit is enabled. The
restart of the Scan sequence can induce a TADC_SETUP
additional delay if the ADC is in ADC Shutdown mode
when the ADC_MODE bits are overwritten (this can
happen if the ADC_MODE bits are overwritten during
the timer delay period, where the ADC is placed into
ADC Shutdown mode in between two Scan cycles).
The ADCDATA register is always updated with the last
conversion results. The ADCDATA register cannot
provide incomplete conversion results. The A/D
conversion must be completed to be able to provide a
POR State
POR Threshold Up
POR Threshold Down
tPOR
Voltage
(AVDD, DVDD)
POR State
Time
Normal Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com