Electronic Components Datasheet Search
  English  ▼

X  

MCP3460R Datasheet(PDF) 79 Page - Microchip Technology

Part # MCP3460R
Description  Two-Channel, 153.6 kSPS, Low-Noise, 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3460R Datasheet(HTML) 79 Page - Microchip Technology

Back Button MCP3460R Datasheet HTML 75Page - Microchip Technology MCP3460R Datasheet HTML 76Page - Microchip Technology MCP3460R Datasheet HTML 77Page - Microchip Technology MCP3460R Datasheet HTML 78Page - Microchip Technology MCP3460R Datasheet HTML 79Page - Microchip Technology MCP3460R Datasheet HTML 80Page - Microchip Technology MCP3460R Datasheet HTML 81Page - Microchip Technology MCP3460R Datasheet HTML 82Page - Microchip Technology MCP3460R Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 103 page
background image
 2025 Microchip Technology Inc. and its subsidiaries
DS20006975A page 79
MCP3460R
8.0
INTERNAL REGISTERS
The MCP3460R device has a total of 16 internal
registers composed of volatile memory. These
registers are sequentially accessible and are included
in Table 8-1.
TABLE 8-1:
INTERNAL REGISTERS SUMMARY
Address Register Name
Numbe
r of
Bits
R/W
Description
0x0
ADCDATA
4/16/32
R
Latest Analog-to-Digital (A/D) conversion data output value (16 or 32
bits depending on DATA_FORMAT[1:0]) or modulator output stream
(4-bit wide) when in MDAT Output mode.
0x1
CONFIG0
8
R/W Voltage Reference mode, ADC Operating mode, Main Clock mode.
0x2
CONFIG1
8
R/W Prescale and OSR settings
0x3
CONFIG2
8
R/W ADC boost and gain settings, auto-zeroing settings for analog
multiplexer, voltage reference and ADC.
0x4
CONFIG3
8
R/W Conversion mode, data and CRC format settings. Enable for cyclic
redundancy check (CRC) on communications. Enable for digital offset
and gain error calibrations.
0x5
IRQ
8
R/W Interrupt request (IRQ) status bits and IRQ mode settings. Enable for
Fast commands and for conversion start pulse.
0x6
MUX
8
R/W Analog multiplexer input selection (MUX mode only)
0x7
SCAN
24
R/W Scan mode settings
0x8
TIMER
24
R/W Delay value for TIMER between scan cycles
0x9
OFFSETCAL
24
R/W ADC digital offset calibration value
0xA
GAINCAL
24
R/W ADC digital gain calibration value
0xB
RESERVED
24
R/W Unimplemented
0xC
RESERVED
8
R/W Unimplemented
0xD
LOCK
8
R/W Password value for SPI Write mode locking
0xE
RESERVED
16
R/W Unimplemented
0xF
CRCCFG
16
R
CRC checksum for device configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com