Electronic Components Datasheet Search
  English  ▼

X  

MCP3460R Datasheet(PDF) 71 Page - Microchip Technology

Part # MCP3460R
Description  Two-Channel, 153.6 kSPS, Low-Noise, 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3460R Datasheet(HTML) 71 Page - Microchip Technology

Back Button MCP3460R Datasheet HTML 67Page - Microchip Technology MCP3460R Datasheet HTML 68Page - Microchip Technology MCP3460R Datasheet HTML 69Page - Microchip Technology MCP3460R Datasheet HTML 70Page - Microchip Technology MCP3460R Datasheet HTML 71Page - Microchip Technology MCP3460R Datasheet HTML 72Page - Microchip Technology MCP3460R Datasheet HTML 73Page - Microchip Technology MCP3460R Datasheet HTML 74Page - Microchip Technology MCP3460R Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 103 page
background image
 2025 Microchip Technology Inc. and its subsidiaries
DS20006975A page 71
MCP3460R
When the part write access is unlocked, the interrupt on
the IRQ pin clears immediately and the two other inter-
rupt mechanisms are cleared when the interrupt is read
(read STATUS byte or read IRQ register). The CRC
interrupt can occur even if the IRQ pin is configured as
the MDAT modulator output. In this case, the interrupt
stays present and forces a logic low output on this pin
as long as the LOCK[7:0] register is locked (LOCK[7:0]
0xA5).
At power-up, the interrupt is not present and the
register map is unlocked. As soon as the user finishes
writing its configuration, the user needs to lock the
register map (for example, by writing 0x00 in the LOCK
bits) to be able to use the interrupt flag and to calculate
the checksum of the register map.
6.8
Interrupts Description
The MCP3460R device incorporates multiple interrupt
mechanisms to be able to synchronize the device with
an MCU and to warn against external perturbations.
There are four events that can generate interrupt flags:
• Conversion Start
• Data Ready
•POR
• CRC Error on the Register Map Configuration
Additionally, there are three independent interrupt
mechanisms that allow the MCP3460R device to be
implemented in many different applications and config-
urations. A summary of the different mechanisms is
available in Table 6-3.
6.8.1
CONVERSION DATA READY
INTERRUPT
The data ready interrupt happens when a new
conversion is ready to be read on the ADCDATA register.
This event happens synchronously with DMCLK and at
each end of conversion. This interrupt is implemented
with three different and independent mechanisms:
STATUS byte on SDO, IRQ register Status bit and IRQ
pin state.
1.
STATUS byte on SDO. When the interrupt
occurs on the next STATUS byte transmitted on
SDO, the DR_STATUS bit will be logic low. Once
the STATUS byte has been transmitted, the
DR_STATUS bit appears as ‘1’ until a new
interrupt is present. If the interrupt occurs
between two STATUS byte transmissions, the
DR_STATUS bit on SDO will appear as equal to
‘0’ on the second reading.
2.
IRQ register Status bit. When the interrupt
occurs, the DR_STATUS bit in the IRQ register
is set to ‘0’. Once the IRQ register has been fully
read, this DR_STATUS bit is reset to ‘1’. If the
interrupt occurs between two readings of the
IRQ register, the IRQ register Status bit appears
as equal to ‘0’ on the second reading.
TABLE 6-3:
INTERRUPT DESCRIPTION SUMMARY TABLE
Interrupt Flag Type
Description
Clearing Procedure
STATUS Byte
Three Status bits (DR_STATUS,
CRCCFG_STATUS, POR_STATUS) are
latched together after device address
detection and clocked out during each
command on the SDO STATUS byte.
Cleared when STATUS byte clocking is finished
(on the last SCK falling edge).
IRQ Register Status
Bits
IRQ register Status bits can be read when
reading the address 0x5 (IRQ register).
The IRQ latching occurs at the beginning
of the IRQ register reading.
Cleared when the IRQ register reading is
finished (on the last SCK falling edge).
IRQ Pin State
• When IRQ_MODE[1] = 0, the IRQ pin
can be asserted to logic low by any of
the interrupts.
• When IRQ_MODE[1] = 1, only POR
and CRC interrupts can assert the
IRQ pin to logic low.
• Conversion start interrupt is automatically
cleared at the beginning of a new
conversion cycle after a TSTP timing.
• DR interrupt is cleared by the first SCK
falling edge of an ADC read, or
automatically 16 DMCLKs before a new
data ready in Continuous Conversion mode
or in Scan mode.
• POR interrupt is cleared on the first CS
falling edge when both AVDD and DVDD
monitoring circuits detect that their power
supply is over their respective thresholds.
• CRCCFG interrupt is cleared when the
device is unlocked (writing 0xA5 to LOCK
register) or when a Fast command ADC
start/restart conversion is performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com