Electronic Components Datasheet Search
  English  ▼

X  

MCP3460R Datasheet(PDF) 97 Page - Microchip Technology

Part # MCP3460R
Description  Two-Channel, 153.6 kSPS, Low-Noise, 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3460R Datasheet(HTML) 97 Page - Microchip Technology

Back Button MCP3460R Datasheet HTML 93Page - Microchip Technology MCP3460R Datasheet HTML 94Page - Microchip Technology MCP3460R Datasheet HTML 95Page - Microchip Technology MCP3460R Datasheet HTML 96Page - Microchip Technology MCP3460R Datasheet HTML 97Page - Microchip Technology MCP3460R Datasheet HTML 98Page - Microchip Technology MCP3460R Datasheet HTML 99Page - Microchip Technology MCP3460R Datasheet HTML 100Page - Microchip Technology MCP3460R Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 103 page
background image
 2025 Microchip Technology Inc. and its subsidiaries
DS20006975A-page 97
MCP3460R
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1.
2.
3.
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Exposed Pad Width
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E2
A3
e
L
E
N
0.40 BSC
0.203 REF
0.35
0.15
0.80
0.00
0.20
0.40
0.90
0.02
3.00 BSC
MILLIMETERS
MIN
NOM
20
0.45
0.25
1.00
0.05
MAX
K-
0.20
-
Terminal-to-Exposed-Pad
Overall Length
Exposed Pad Length
D
D2
1.60
3.00 BSC
1.70
1.80
Wettable Flank Step Length
D3
-
-
0.085
A4
-
0.10
0.19
Wettable Flank Step Height
1.60
1.70
1.80
Microchip Technology Drawing C04-476-2LX Rev C Sheet 2 of 2
20-Lead Very Thin Plastic Quad Flat, No Lead Package (2LX) - 3x3 mm Body [VQFN]
With 1.7 mm Exposed Pad and Stepped Wettable Flanks
DETAIL 1
ALTERNATE TERMINAL
CONFIGURATIONS
Wettable Flank Step Length
D3
0.035
0.06
0.085
A4
-
0.10
0.19
Wettable Flank Step Height
Dimensions D3 and A4 above apply to all new products released after
November 1, and all products shipped after January 1, 2019, and supersede
dimensions D3 and A4 below.
No physical changes are being made to any package; this update is to align
cosmetic and tolerance variations from existing suppliers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com