Electronic Components Datasheet Search
  English  ▼

X  

MCP3460R Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP3460R
Description  Two-Channel, 153.6 kSPS, Low-Noise, 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3460R Datasheet(HTML) 1 Page - Microchip Technology

  MCP3460R Datasheet HTML 1Page - Microchip Technology MCP3460R Datasheet HTML 2Page - Microchip Technology MCP3460R Datasheet HTML 3Page - Microchip Technology MCP3460R Datasheet HTML 4Page - Microchip Technology MCP3460R Datasheet HTML 5Page - Microchip Technology MCP3460R Datasheet HTML 6Page - Microchip Technology MCP3460R Datasheet HTML 7Page - Microchip Technology MCP3460R Datasheet HTML 8Page - Microchip Technology MCP3460R Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 103 page
background image
 2025 Microchip Technology Inc. and its subsidiaries
DS20006975A-page 1
MCP3460R
Features
• One Full-Differential or Two Single-Ended Input
Channels:
- Wide Input Voltage Range: 0V to AVDD
- Internal Conversions Sequencer (Scan
mode) for Automatic Multiplexing
- One-Shot or Continuous Conversion Modes
• Supply Voltage:
-AVDD/DVDD: 2.7V - 3.6V
• Second-Order
Modulator with 5-level
Quantizer plus:
- Third-Order Decimation Filter for Low OSR
(32-512)
- Cascaded of Third-Order and First-Order
Filters for High OSR (>512).
• ADC Resolution:
- MCP3460R: 16-bit
- Selectable Oversampling Ratio (OSR)
Range: 32-98304
• Programmable Data Rate: Up to 153.6 kSPS
• On-Chip Programmable Gain:
- Gain Option: 1/3x, 1x, 2x, 4x, 8x, 16x, 32x,
64x
• AC Dynamic Performance (50Hz Input w/
OSR = 256):
- SINAD: 97.2 dB
-THD: -116 dBc
- SFDR: 120 dBc (Gain = 1x, 4800 SPS)
• Low-Temperature Drift:
- Offset Error Drift: 4/Gain nV/°C (AZ_MUX=1)
- Gain Error Drift: 0.5 ppm/°C (Gain = 1x)
• Low Noise: 2.3
VRMS(Gain = 16x, 9600 SPS)
• RMS Effective Resolution: 15.4 Bits Minimum (All
Gains, All OSR Combinations)
• Voltage Reference Selection:
- 2.4V Internal Voltage Reference (Buffered)
with 15 ppm/°C Drift
- Differential External Voltage Reference
Inputs (Not Buffered) with a 0.1V - AVDD
• Internal Oscillator or External Clock Selection
• Power-Saving Modes: Standby, Sleep, Shutdown,
Full-Shutdown
- Ultra-Low Full-Shutdown Current
Consumption (< 2.4 µA)
• Bandgap-Based Internal Temperature Sensor
• 16-Bit Digital Offset and Gain Error Calibration
Registers
• Dedicated IRQ Pin for Easy Synchronization
• Advanced Security Features:
- 16-bit CRC for Secure SPI Communications
- 16-bit CRC and IRQ for Securing
Configuration
- Register-Map Lock with 8-bit Secure Key
- Monitor Controls for System Diagnostics (via
Scan Mode)
• 20 MHz SPI-Compatible Interface with Mode 0,0
and 1,1
• Extended Temperature Range: -40°C to +125°C
• Package Options:
- 3 mm x 3 mm x 1 mm, 20-Lead VQFN (2LX
Package Code)
Applications
• General Purpose Low-to-High Data-Rate, High
Precision,
ADC Applications
• Medical and Scientific Instrumentation
• Precision-Sensor Applications:
- Pressure, Strain, and Force measurement
• Temperature Measurement
• Current Measurement
• Factory Automation and Process Controls
- Portable Instrumentation
Two-Channel, 153.6 kSPS, Low-Noise,
16-Bit Delta-Sigma ADC with Internal Voltage Reference


Similar Part No. - MCP3460R

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3461 MICROCHIP-MCP3461 Datasheet
2Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
02/28/20
MCP3461 MICROCHIP-MCP3461 Datasheet
2Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
02/28/20
MCP3461R MICROCHIP-MCP3461R Datasheet
2Mb / 118P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
02/28/20
MCP3461RT-E/NC MICROCHIP-MCP3461RT-E/NC Datasheet
2Mb / 118P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
02/28/20
MCP3461RT-E/ST MICROCHIP-MCP3461RT-E/ST Datasheet
2Mb / 118P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
02/28/20
More results

Similar Description - MCP3460R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7722 AD-AD7722 Datasheet
526Kb / 24P
16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV.0
logo
Texas Instruments
ADS114S06 TI1-ADS114S06 Datasheet
1Mb / 103P
Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S06B TI1-ADS114S06B Datasheet
1Mb / 88P
Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
logo
Microchip Technology
MCP3565R MICROCHIP-MCP3565R Datasheet
3Mb / 108P
Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
02/28/20
MCP3561 MICROCHIP-MCP3561_V01 Datasheet
1Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
02/28/20
MCP3561 MICROCHIP-MCP3561 Datasheet
1Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
02/28/20
MCP3461R MICROCHIP-MCP3461R Datasheet
2Mb / 118P
Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
02/28/20
MCP3461 MICROCHIP-MCP3461_V01 Datasheet
2Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
02/28/20
MCP3461 MICROCHIP-MCP3461 Datasheet
2Mb / 108P
Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
02/28/20
MCP3465R MICROCHIP-MCP3465R Datasheet
3Mb / 110P
Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
Revision C April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com