Electronic Components Datasheet Search
  English  ▼

X  

MCP3460R Datasheet(PDF) 77 Page - Microchip Technology

Part # MCP3460R
Description  Two-Channel, 153.6 kSPS, Low-Noise, 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3460R Datasheet(HTML) 77 Page - Microchip Technology

Back Button MCP3460R Datasheet HTML 73Page - Microchip Technology MCP3460R Datasheet HTML 74Page - Microchip Technology MCP3460R Datasheet HTML 75Page - Microchip Technology MCP3460R Datasheet HTML 76Page - Microchip Technology MCP3460R Datasheet HTML 77Page - Microchip Technology MCP3460R Datasheet HTML 78Page - Microchip Technology MCP3460R Datasheet HTML 79Page - Microchip Technology MCP3460R Datasheet HTML 80Page - Microchip Technology MCP3460R Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 103 page
background image
 2025 Microchip Technology Inc. and its subsidiaries
DS20006975A page 77
MCP3460R
FIGURE 7-6:
Power Supply with Separate Lines for Analog and Digital Circuitry (the “Net Tie”
Object Represents the Star Ground Connection).
Another approach, that can be simpler to implement in
terms of PCB layout, is to treat MCP3460R as an
analog component. In this case, connect AVDD to DVDD
and AGND to DGND with a star connection. This
configuration requires larger decoupling capacitors
because the ripple on the digital power supply, caused
by the digital filters and the MCP3460R SPI, can now
introduce glitches on the analog power supply.
Figure 7-6 shows an example of a power supply
schematic with separate DVDD and AVDD. A high-current
LDO (MCP1825) is used for the DVDD line to power the
MCU and its connected peripherals, while a high-PSRR
LDO (MCP1754) is used for the AVDD line that supplies
the ADC and other noise-sensitive components. The Net
tie separates DGND from AGND.
FIGURE 7-7:
Separation of Analog and
Digital Circuits on the Layout (Shown on the
VQFN Package).
When using remote sensors to reduce the sensitivity to
external influences, such as EMI, the wires that
connect the sensor to the ADC must form a twisted pair.
Use ferrite beads between the digital and analog
ground planes to prevent high-frequency noise from
entering MCP3460R. Microchip recommends using
low-resistance ferrite beads.
7.4
SPI Interface Digital Crosstalk
The MCP3460R device incorporates a high-speed
20 MHz SPI. This interface can induce crosstalk,
especially with the outer channels near the SPI digital
pins, if operated at full speed without any precautions.
The crosstalk is caused by the switching noise from the
digital SPI signals and negatively impacts the SNR.
Attenuate the noise by ensuring proper separation
between the analog and the digital power supplies (see
Sections 7.3
“Power
Supply
Design
and
Bypassing”).
To further minimize the impact of SPI ommunication on
measurement accuracy, Microchip recommends add-
ing series resistors on the SPI lines. These resistors
reduce current spikes caused by digital switching noise
(see Figure 7-1 for implementation). Additionally, the
resistors
assist
with
keeping
electromagnetic
emissions low.
The switching noise is a linear function of the DVDD
supply voltage. To further reduce the impact of switch-
ing noise from SPI transmissions, the DVDD digital
power supply voltage must be kept as low as possible.
The measurement graphs in this Data Sheet were
obtained using 10Ω series resistors connected to each
SPI I/O pin. No disturbances in measurement accuracy
were observed, even when interfacing at 20 MHz.
GND
GND
GND
GND
+5V USB
GNDA
+9V IN
Power Jack 2.5 mm
2
3
1
J10
MRA4005
D1
9V
0.1 μF
0603
C11
0.1 μF
0603
C10
GND
3.3A
3.3D
GNDA
GNDA
0.1 μF
0603
C12
MCP1754-3.3V
VOUT 3
VIN
1
U3
GND
LM1117-5V
VIN
3
VOUT 2
U4
MCP1825S-3.3V
VOUT 3
VIN
1
U2
5V
GND
Net Tie
GND
GNDA
10 μF
TANT-B
C15
10 μF
TANT-B
C44
10 μF
TANT-B
C13
10 μF
TANT-B
C45
GND
J9
5V_USB
0.1 μF
0603
C14
GNDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com