Electronic Components Datasheet Search
  English  ▼

X  

MCP3460R Datasheet(PDF) 67 Page - Microchip Technology

Part # MCP3460R
Description  Two-Channel, 153.6 kSPS, Low-Noise, 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3460R Datasheet(HTML) 67 Page - Microchip Technology

Back Button MCP3460R Datasheet HTML 63Page - Microchip Technology MCP3460R Datasheet HTML 64Page - Microchip Technology MCP3460R Datasheet HTML 65Page - Microchip Technology MCP3460R Datasheet HTML 66Page - Microchip Technology MCP3460R Datasheet HTML 67Page - Microchip Technology MCP3460R Datasheet HTML 68Page - Microchip Technology MCP3460R Datasheet HTML 69Page - Microchip Technology MCP3460R Datasheet HTML 70Page - Microchip Technology MCP3460R Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 103 page
background image
 2025 Microchip Technology Inc. and its subsidiaries
DS20006975A page 67
MCP3460R
FIGURE 6-8:
Static and Incremental Read SPI Communications.
If the COMMAND byte defines a Static Read of the
ADCDATA register (address: 0x0), the ADC data will be
present on SDO and will be updated continuously at
each read. In this case, when a data ready interrupt
occurs within a read, the data are not corrupted and will
be updated to a new value after the old value has been
completely read.
The ADC register contains a double buffer that
prevents data from being corrupted while reading it.
The part is able to stream output data continuously with
no additional command if the communication is not
stopped with a CS rising edge. Figure 6-9 represents
the continuous streaming of incoming ADCDATA
through the SPI port with both SPI Modes 0,0 and 1,1.
Don’t Care
SCK
SDI
SDO
CS
8x
Depends on
ADDR
ADDR
...
ADDR
CMD[7:6] + ADDR + 01
Complete READ
sequence
ADDR
Depends on
ADDR
...
Depends on
ADDR
Don’t Care
00XXXXXX
Depends on IRQ status
and device address
High-Z
0
COMMAND
BYTE
Don’t Care
SCK
SDI
SDO
CS
8x
Depends on
ADDR
ADDR
...
ADDR = 0xF
CMD[7:6] + ADDR + 11
Complete READ sequence
ADDR + 1
Depends on
ADDR+1
...
16x
Depends on
Data Format
ADDR = 0x0
...
Complete READ sequence
ADDR = 0x1
8x
...
16x
ADDR = 0xF
Don’t Care
ADDR
...
0xF
Complete
READ
sequence
Roll-over
ADDRESS SET
00XXXXXX
Depends on IRQ status
and device address
0x0
...
High-Z
0
COMMAND
BYTE
Static Read Sequence
Incremental Read Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com