Electronic Components Datasheet Search
  English  ▼

X  

AD3531 Datasheet(PDF) 32 Page - Analog Devices

Part # AD3531
Description  4-Channel, 16-Bit Voltage Output DAC, On-Chip Reference, SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3531 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD3531 Datasheet HTML 28Page - Analog Devices AD3531 Datasheet HTML 29Page - Analog Devices AD3531 Datasheet HTML 30Page - Analog Devices AD3531 Datasheet HTML 31Page - Analog Devices AD3531 Datasheet HTML 32Page - Analog Devices AD3531 Datasheet HTML 33Page - Analog Devices AD3531 Datasheet HTML 34Page - Analog Devices AD3531 Datasheet HTML 35Page - Analog Devices AD3531 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
Data Sheet
AD3531/AD3531R
REGISTER DETAILS
analog.com
Rev. 0 | 32 of 44
INTERFACE CONFIGURATION A REGISTER
Address: 0x00, Reset: 0x10, Name: INTERFACE_CONFIG_A
INTERFACE Configuration Settings
0
0
1
0
2
0
3
0
4
1
5
0
6
0
7
0
[7] SW_RESET (R/W)
[0] RESET_SW (R/W)
[6] RESERVED
[3:1] RESERVED
[5] ADDR_ASCENSION (R/W)
[4] SDO_ENABLE (R/W)
Table 11. Bit Descriptions for INTERFACE_CONFIG_A
Bits
Bit Name
Description
Reset
Access
7
SW_RESET
First of Two of SW_RESET Bits. This bit appears in two locations in this register. Both locations must be
written at the same time to trigger a software reset of the part. All registers except for this register are reset
to their default values.
0x0
R/W
6
RESERVED
Reserved.
0x0
R
5
ADDR_ASCENSION
Determines Sequential Addressing Behavior.
0x0
R/W
0: Address is Decremented by One When Streaming.
1: Address is Incremented by One When Streaming.
4
SDO_ENABLE
SDO Pin Enable. 0: SDO pin disabled 1: SDO pin enabled
0x1
R/W
[3:1]
RESERVED
Reserved.
0x0
R
0
RESET_SW
Second of Two of SW_RESET Bits. This bit appears in two locations in this register. Both locations must be
written at the same time to trigger a software reset of the part. All registers except for this register are reset
to their default values.
0x0
R/W
INTERFACE CONFIGURATION B REGISTER
Address: 0x01, Reset: 0x00, Name: INTERFACE_CONFIG_B
Additional INTERFACE Configuration Settings
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7] SINGLE_INST (R/W)
[2:0] RESERVED
[6:4] RESERVED
[3] SHORT_INSTRUCTION (R)
Table 12. Bit Descriptions for INTERFACE_CONFIG_B
Bits
Bit Name
Description
Reset
Access
7
SINGLE_INST
Select Streaming or Single Instruction Mode.
0x0
R/W
0: Streaming Mode is Enabled. The address increments/decrements as successive data bytes are
received.
1: Single Instruction Mode is Enabled.
[6:4]
RESERVED
Reserved.
0x0
R
3
SHORT_INSTRUCTION
Set the Instruction Phase Address to 7 or 15-bits.
0x0
R/W
0: 15-bit Addressing.
1: 7-bit Addressing.
[2:0]
RESERVED
Reserved.
0x0
R
DEVICE CONFIGURATION REGISTER
Address: 0x02, Reset: 0x00, Name: DEVICE_CONFIG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com