Electronic Components Datasheet Search
  English  ▼

X  

AD3531 Datasheet(PDF) 21 Page - Analog Devices

Part # AD3531
Description  4-Channel, 16-Bit Voltage Output DAC, On-Chip Reference, SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3531 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD3531 Datasheet HTML 17Page - Analog Devices AD3531 Datasheet HTML 18Page - Analog Devices AD3531 Datasheet HTML 19Page - Analog Devices AD3531 Datasheet HTML 20Page - Analog Devices AD3531 Datasheet HTML 21Page - Analog Devices AD3531 Datasheet HTML 22Page - Analog Devices AD3531 Datasheet HTML 23Page - Analog Devices AD3531 Datasheet HTML 24Page - Analog Devices AD3531 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Data Sheet
AD3531/AD3531R
THEORY OF OPERATION
analog.com
Rev. 0 | 21 of 44
DIGITAL-TO-ANALOG CONVERTER
The AD3531/AD3531R are low power, 4-channel, 16-bit, voltage
output DACs that operate on analog supply voltages of 2.7V to
5.5V and digital supply voltages of 1.08V to 1.98V. The AD3531/
AD3531R have 5ppm/°C 2.5V on-chip references.
The AD3531/AD3531R offer versatile 4-wire serial interfaces com-
patible with classic SPI. See the Serial Interface section for more
details.
DAC Channels
The AD3531/AD3531R contain 4 buffered voltage output DAC
channels capable of sourcing 100mA and sinking 80mA of current.
A simplified block diagram of a DAC channel is shown in Figure 62.
The output amplifier generates rail-to-rail voltages on its output,
giving an ideal output range of 0 to VREF at OUTPUT_CON-
TROL_0(RANGE) = 0 (VDD > VREF), or 0 to 2 × VREF at
OUTPUT_CONTROL_0(RANGE) = 1 (VDD > 2 × VREF). The
headroom and footroom voltages, which are defined by the output
current, should also be taken into consideration when selecting the
appropriate output range and VDD. The output slew rate is 1.1V/μs
with a typical ¼ to ¾ settling time of 5μs while driving a load of 2kΩ
in parallel with 200pF to GND.
Figure 62. DAC Channel Block Diagram
Transfer Function
The conversion of the digital input code to the ideal output voltage
is given by the following equation:
VOUTn=VREF×D2N×G
where:
VOUTn is the output voltage seen at the selected DAC channel n.
VREF is the voltage present on the VREF pin, which is an input by
default. When the internal reference is turned on, this is equal to
2.5V.
D is the decimal equivalent of the straight binary code that is loaded
into the DAC register (0 to 65535 for the AD3531/AD3531R).
N is the DAC resolution in bits.
G is the gain of the output amplifier. G = 1 if OUTPUT_CON-
TROL_0(RANGE) = 0 (default), and G = 2 if OUTPUT_CON-
TROL_0(RANGE) = 1.
Modes of Operation
There are four operating modes for each channel of the AD3531/
AD3531R as listed in Table 9. These operating modes are software
programmable via the MODE_CH_n[1:0] in the Output Operating
Mode 0 Register and the Output Operating Mode 1 Register. Upon
power-up or after a power-on reset, Operating Mode 3 is set
by default, where the output amplifier is powered down and an
effective resistance of 16kΩ can be seen from the VOUTn pin to
GND.
Table 9. AD3531/AD3531R Operating Modes
Operating Modes Output State
MODE_CH_n [1]
MODE_CH_n [0]
0
Normal operation
0
0
1
500Ω to GND
0
1
2
3.85kΩ to GND
1
0
3
16kΩ (default)
1
1
Entering into Mode 1, Mode 2, or Mode 3 will not affect other
register settings or the read and write capability of those registers.
The input or DAC registers can still be updated but will not reflect
on the DAC output pins.
VOLTAGE REFERENCE
The AD3531R has an on-chip, buffered, 2.5V, 5ppm/°C reference
available at the VREF pin that is capable of sourcing external loads
up to +5mA.
By default, upon power-up or after a power-on reset, the VREF
pin is configured as an input pin, and external reference voltage
must be provided. The internal reference can be enabled by setting
REFERENCE_CONTROL_0(SEL) to 1. See the the Reference
Control 0 Register section for more details.
INTEGRATED MULTIPLEXER
The AD3531/AD3531R contain a 15:1 multiplexer that can output
a voltage on the MUX_OUT pin representative of either the output
voltage or output current of a chosen channel or the internal
die temperature of the device. The monitor point can be set by
configuring the SEL bits on the Multiplexer Input Select 0 Register.
An invalid write MUX_OUT_SELECT(SEL) will be ignored and the
MUX_OUT_SELECT(SEL) value should not change.
The transfer function of the integrated multiplexer when voltage
output monitor is selected is given by the equation below. A
voltage output of VREF represents the full scale range of the
DAC channel being monitored regardless of the OUTPUT_CON-
TROL_0(RANGE) value.
For OUTPUT_CONTROL_0(RANGE) = 0
VMEAS=MUX_OUT
(2)
For OUTPUT_CONTROL_0(RANGE) = 1
VMEAS=MUX_OUT×2
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com