Electronic Components Datasheet Search
  English  ▼

X  

AD3531 Datasheet(PDF) 17 Page - Analog Devices

Part # AD3531
Description  4-Channel, 16-Bit Voltage Output DAC, On-Chip Reference, SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3531 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD3531 Datasheet HTML 13Page - Analog Devices AD3531 Datasheet HTML 14Page - Analog Devices AD3531 Datasheet HTML 15Page - Analog Devices AD3531 Datasheet HTML 16Page - Analog Devices AD3531 Datasheet HTML 17Page - Analog Devices AD3531 Datasheet HTML 18Page - Analog Devices AD3531 Datasheet HTML 19Page - Analog Devices AD3531 Datasheet HTML 20Page - Analog Devices AD3531 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
Data Sheet
AD3531/AD3531R
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 17 of 44
Figure 48. MUX_OUT to VOUTx Glitch
Figure 49. VOUT AC PSRR vs. Frequency
Figure 50. MUX_OUT AC PSRR vs. Frequency
Figure 51. MUX_OUT NSD vs. Frequency
VDD
Range = 0
VOUT0 = Midscale
INTERNAL REFERENCE
3.3V Gain 1 MS
5V Gain 2 MS
TIME (Seconds)
0
5
10
15
20
25
30
–30.0
–20.0
–10.0
0
10.0
20.0
30.0
Figure 52. MUX_OUT 0.1Hz to 10Hz (1/f) Noise
Figure 53. MUX_OUT vs. Output Voltage Transient, Rising



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com