Electronic Components Datasheet Search
  English  ▼

X  

AD3531 Datasheet(PDF) 9 Page - Analog Devices

Part # AD3531
Description  4-Channel, 16-Bit Voltage Output DAC, On-Chip Reference, SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3531 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD3531 Datasheet HTML 5Page - Analog Devices AD3531 Datasheet HTML 6Page - Analog Devices AD3531 Datasheet HTML 7Page - Analog Devices AD3531 Datasheet HTML 8Page - Analog Devices AD3531 Datasheet HTML 9Page - Analog Devices AD3531 Datasheet HTML 10Page - Analog Devices AD3531 Datasheet HTML 11Page - Analog Devices AD3531 Datasheet HTML 12Page - Analog Devices AD3531 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Data Sheet
AD3531/AD3531R
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 9 of 44
Figure 5. WLCSP Pin Configuration
Table 8. Pin Function Descriptions
WLCSP
Mnemonic
Type
Description
A1
MUX_OUT
AO
Analog Multiplexer. The MUX_OUT pin is used to monitor the internal die temperature, output voltages and output current of a
selected channel.
B1, B2, D2
VDD
S
Power Supply Input. The AD3531/AD3531R operates from 2.7V to 5.5V. Decouple the VDD supply with a 10µF capacitor in parallel
with a 0.1µF capacitor to GND.
C3
IOVDD
DI
Digital Power Supply. The voltage on the IOVDD pin is specified in Table 2.
B3, C1, C2,
D3, E1
GND
S
Ground Reference Point for All Circuitry on the Device.
D1
VREF
AI/O
Reference Output Voltage. When using the internal reference, this is the reference output pin. The VREF is the reference input by
default.
E5
SDI
DI
Serial Data Input. Logic Input. Provides data to be written to the device and is clocked into the register on the rising edge of SCLK.
D5
CSB
DI
Active Low Control Input. This is the frame synchronization signal for the input data.
C4
RESETB
DI
Asynchronous Reset pin. Active-low logic input and falling edge sensitive. See the Hardware Reset section for additional
information.
C5
SDO
DO
Serial Data Output. Logic output. A readback operation provides data on this output pin as a serial data stream. Data is clocked out
on the falling edge of SCLK and is valid on the rising edge of SCLK.
B5
SCLK
DI
Serial Clock Input. Data transfers at rates of up to 50MHz for write operation and 25MHz for read operation.
A5
LDACB
DI
Asynchronous Load DAC pin. Active low logic input, falling edge sensitive. See the Hardware LDAC section for additional
information.
A4, B4
VOUT0
AO
Analog Output Voltage from DAC 0. The output amplifier has rail-to-rail operation. Short pins A4 and B4.
A2, A3
VOUT1
AO
Analog Output Voltage from DAC 1. The output amplifier has rail-to-rail operation. Short pins A2 and B3.
D4, E4
VOUT2
AO
Analog Output Voltage from DAC 2. The output amplifier has rail-to-rail operation. Short pins D4 and E4.
E2, E3
VOUT3
AO
Analog Output Voltage from DAC 3. The output amplifier has rail-to-rail operation. Short pins E2 and E3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com