Electronic Components Datasheet Search
  English  ▼

X  

AD3531 Datasheet(PDF) 29 Page - Analog Devices

Part # AD3531
Description  4-Channel, 16-Bit Voltage Output DAC, On-Chip Reference, SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3531 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD3531 Datasheet HTML 25Page - Analog Devices AD3531 Datasheet HTML 26Page - Analog Devices AD3531 Datasheet HTML 27Page - Analog Devices AD3531 Datasheet HTML 28Page - Analog Devices AD3531 Datasheet HTML 29Page - Analog Devices AD3531 Datasheet HTML 30Page - Analog Devices AD3531 Datasheet HTML 31Page - Analog Devices AD3531 Datasheet HTML 32Page - Analog Devices AD3531 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
Data Sheet
AD3531/AD3531R
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 29 of 44
Option 6 (Controlled Update, Same Data,
Software LDAC, and Multiple Channel)
Option 6 allows immediate and simultaneous
update of multiple DAC_CHn registers identi-
fied by MULTI_INPUT_SEL_0(MI_SEL_CH_n) and
SW_LDAC_EN_0(SLD_EN_CH_n) bitfields with the same data.
Data is contained in MULTI_INPUT_CH register and is initiated
through the software LDAC.
Option 6 is ideal for multiple channel updates in both single instruc-
tion and stream modes.
Figure 79. Option 6 Example: Write to Multi_Input_Ch Register with a Soft-
ware LDAC, Stream Mode (Loop) and Address Ascending
Option 6 is the same as Option 5, except a software LDAC
function is used instead of a hardware LDAC function. The
SW_LDAC_EN_0 register determines which channel is affected
by a software LDAC command.
HEADROOM AND FOOTROOM
Headroom and footroom refers to the voltage difference between
the supply voltage and the intended output voltage of the DAC for
a specified output load current. If the supply voltage headroom or
footroom is insufficient, the pass element of the integrated output
amplifier of the DAC acts like a resistor instead of an ideal switch.
This causes the output voltage to drop as the load current increas-
es.
The AD3531/AD3531R has a very low typical headroom require-
ment of 25mV/20mA and 50mV/20mA for footroom. The typical
performance is shown in Figure 20. The voltage drop is generally
linear in nature, hence, can be calculated by multiplying the load
current by the headroom/footroom specification. For example, we
have a 5V supply and a 5V setting at the output of the DAC. If
the DAC starts sourcing current of 30mA to a load, the DAC output
voltage would be around 4.963V.
For a footroom example, a DAC output that is sinking 30mA of
current would result to an output voltage that is 75mV above ground
potential.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com