Electronic Components Datasheet Search
  English  ▼

X  

AD3531 Datasheet(PDF) 7 Page - Analog Devices

Part # AD3531
Description  4-Channel, 16-Bit Voltage Output DAC, On-Chip Reference, SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3531 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD3531 Datasheet HTML 3Page - Analog Devices AD3531 Datasheet HTML 4Page - Analog Devices AD3531 Datasheet HTML 5Page - Analog Devices AD3531 Datasheet HTML 6Page - Analog Devices AD3531 Datasheet HTML 7Page - Analog Devices AD3531 Datasheet HTML 8Page - Analog Devices AD3531 Datasheet HTML 9Page - Analog Devices AD3531 Datasheet HTML 10Page - Analog Devices AD3531 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Data Sheet
AD3531/AD3531R
SPECIFICATIONS
analog.com
Rev. 0 | 7 of 44
Figure 3. Reset Timing
Table 5. LDAC Timing Specifications
Parameter
Description
Min
Typ
Max
Unit
tL1
LDACB pulse width (For both CSB==1 and CSB==0)
120
ns
tL2
LDACB falling edge to SPI DAC update.
640
ns
tL3
SPI DAC update to LDACB negative edge.
640
ns
tL4
LDACB falling edge to VOUT transition
1.3
μs
Figure 4. LDAC Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com