Electronic Components Datasheet Search
  English  ▼

X  

AD3531 Datasheet(PDF) 6 Page - Analog Devices

Part # AD3531
Description  4-Channel, 16-Bit Voltage Output DAC, On-Chip Reference, SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3531 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD3531 Datasheet HTML 2Page - Analog Devices AD3531 Datasheet HTML 3Page - Analog Devices AD3531 Datasheet HTML 4Page - Analog Devices AD3531 Datasheet HTML 5Page - Analog Devices AD3531 Datasheet HTML 6Page - Analog Devices AD3531 Datasheet HTML 7Page - Analog Devices AD3531 Datasheet HTML 8Page - Analog Devices AD3531 Datasheet HTML 9Page - Analog Devices AD3531 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Data Sheet
AD3531/AD3531R
SPECIFICATIONS
analog.com
Rev. 0 | 6 of 44
TIMING CHARACTERISTICS
All input signals are specified with rise time (tR) = fall time (tF) = 1ns/V (10% to 90% of VDD) and timed from a voltage level of (VINL + VINH)/2.
VDD = 2.7V to 5.5V, 1.08V ≤ IOVDD ≤ 1.98V, and VREF = 2.5V. All specifications are TJ = −40°C to +125°C, unless otherwise noted.
Table 4. SPI Interface Timing Specifications
Parameter
Description
Min
Typ
Max
Unit
t1
SCLK cycle time
20
ns
801
t2
SCLK high time
t1/2
ns
t3
SCLK low time
t1/2
ns
t4
SCLK rising edge to CSB falling edge
10
ns
t5
CSB falling edge to SCLK rising edge setup time
7
ns
t6
SCLK rising edge to CSB rising edge
4
ns
t7
CSB rising edge to SCLK rising edge
6
ns
t8
Data hold time
2
ns
t9
Data setup time
5
ns
t10
CSB high time (single, combined, or all channel update)
10
ns
t11
SCLK falling edge to SDO data available
9
ns
t12
SCLK falling edge to SDO data remains valid
10
ns
t13
CSB rising edge to SDO disabled
9
ns
t14
SCLK falling edge to SDO enabled
10
ns
t15
Last SCLK rising edge to VOUT transition start
3
μs
t16
RESETB pulse width
2.5
μs
t17
RESETB falling edge to VOUT transition
3
μs
t18
RESETB rising edge to SPI transaction begin
150
ns
1 Only applicable for stream mode functionality.
Figure 2. Serial Read and Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com