Electronic Components Datasheet Search
  English  ▼

X  

ACT4911 Datasheet(PDF) 7 Page - Qorvo, Inc

Part # ACT4911
Description  Power Loss Protection with 6A eFuse
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4911 Datasheet(HTML) 7 Page - Qorvo, Inc

Back Button ACT4911 Datasheet HTML 3Page - Qorvo, Inc ACT4911 Datasheet HTML 4Page - Qorvo, Inc ACT4911 Datasheet HTML 5Page - Qorvo, Inc ACT4911 Datasheet HTML 6Page - Qorvo, Inc ACT4911 Datasheet HTML 7Page - Qorvo, Inc ACT4911 Datasheet HTML 8Page - Qorvo, Inc ACT4911 Datasheet HTML 9Page - Qorvo, Inc ACT4911 Datasheet HTML 10Page - Qorvo, Inc ACT4911 Datasheet HTML 11Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
Data Sheet Rev. C, August 2021 | Subject to change without notice
7 of 33
www.qorvo.com
ACT4911
Power Loss Protection with 6A eFuse
®
SYSTEM CHARACTERISTICS
(VIN = 5V, TA = 25°C, unless otherwise specified)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Input Supply
Input Supply Voltage Range
VIN
2.7
8
V
Input Supply Power On Reset (Internal)
VIN Rising
2.53
V
Input Supply Power On Reset
Hysteresis (Internal POR)
VIN Falling
90
mV
Input Supply Over Voltage Lock Out (OVLO)
9.5
V
Input Under Voltage Lock Out (UVLO)
VIN Rising (Boost/eFuse Enabled)
2.65
2.7
V
Input UVLO Hysteresis
VIN Falling
50
mV
Input Operation Current
eFuse Enabled and Soft start completed
Buck/Storage Regulator Disabled
ADC Disabled
Storage Health Check Disabled
3
mA
eFuse Enabled and Soft start completed
Buck/Storage Regulator Disabled
ADC Enabled
Storage Health Check Disabled
5.5
mA
Input Current (Shutdown)
VEN=0V
470
µA
Thermal
Thermal Warning
Sets nIRQ
120
°C
Thermal Shutdown – Disables buck and boost
145
°C
Thermal Shutdown – Disables eFuse
155
°C
Thermal Comparators Hysteresis
15
°C
SET Thresholds
BSET Current Source
BSET = 1.0V (25°C)
19.6
20
20.4
µA
BSET Current Source Temperature Coefficient BSET = 1.0V (25°C - 125°C)
0.011
%/°C
STR Thresholds
Input Under Voltage Lock Out (STR_UVLO)
STR Falling
3.6
V
STR Rising
4.0
V
Open Drain Outputs
Switch Maximum Voltage Range
(nIRQ,PG_STR, SDA)
0
5
V
Switch resistance (nIRQ,PG_STR, SDA)
Sinking Current 500µA
100
Ω
Enable Thresholds
Under Voltage Reference
UV REF after POR release
(-40°C ~ 125°C)
0.63
0.64
0.65
V
Overvoltage Reference Programmable Range
OV REF after POR release
0.92
V
EN Deglitch Time
EN UV Rising or OV Falling
(0ms turn-on delay)
1
ms
Hysteresis for Reference
17
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com