Electronic Components Datasheet Search
  English  ▼

X  

ACT4911 Datasheet(PDF) 31 Page - Qorvo, Inc

Part # ACT4911
Description  Power Loss Protection with 6A eFuse
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4911 Datasheet(HTML) 31 Page - Qorvo, Inc

Back Button ACT4911 Datasheet HTML 25Page - Qorvo, Inc ACT4911 Datasheet HTML 26Page - Qorvo, Inc ACT4911 Datasheet HTML 27Page - Qorvo, Inc ACT4911 Datasheet HTML 28Page - Qorvo, Inc ACT4911 Datasheet HTML 29Page - Qorvo, Inc ACT4911 Datasheet HTML 30Page - Qorvo, Inc ACT4911 Datasheet HTML 31Page - Qorvo, Inc ACT4911 Datasheet HTML 32Page - Qorvo, Inc ACT4911 Datasheet HTML 33Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
Data Sheet Rev. C, August 2021 | Subject to change without notice
31 of 33
www.qorvo.com
ACT4911
Power Loss Protection with 6A eFuse
®
CMI OPTIONS
This section provides the basic default configuration settings for each available ACT4911 CMI option. Refer to each
option’s application note for the comprehensive list of default settings
CMI 301: ACT4911QW301
CMI 301 is designed for standard 3.3V and 5V applications. CMI 301 default settings are appropriate for most typical
applications. Table 10 shows the default register settings.
Table 10: CMI 301 Default Register Settings
Function
Value
Register
Register Settings
PLI Pin Function
PLI & VOUT OK
0x19h
PLI_FUNC_SEL[1:0] = 11
Health Monitor Time
32ms
0x1Fh
HMON_TSET[3:0] = 0100
Health Monitor Threshold
95%
0x20h
HMON_THR[3:0] = 0000
Enable Overvoltage Reference
0.92V
0x20h
EN_OV_REF[2:0] = 010
Startup Delay
0ms
0x20h
EN_STARTDELAY = 0
Latch Supplement Mode
Yes
0x21h
EN_LATCH_SPLMNT = 1
Boost Current Limit
950mA
0x21h
BST_CLIM[1:0] = 10
Boost Voltage
28V
0x21h
BST_VSET[4:0] = 10111
Buck Peak Current Limit
9A
0x26h
BK_CLIM[1:0] = 11
Buck Switching Frequency
900kHz
0x28h
BK_FREQ[2:0] = 110
I2C Address
The CMI 301 7-bit I2C address is 0x3Ah. This results in 0x74h for a write address and 0x75h for a read address.
Device ID
The CMI 301 Device ID (register 0x3Bh) = 0x01h. This can be used to distinguish between different CMI versions.
Autonomous ADC Supervisory Function
The autonomous ADC supervisory function is disabled by default. All undervoltage register value are set to 0x00h and
all overvoltage register values are set to 0xFFh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com