Electronic Components Datasheet Search
  English  ▼

X  

ACT4911 Datasheet(PDF) 5 Page - Qorvo, Inc

Part # ACT4911
Description  Power Loss Protection with 6A eFuse
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4911 Datasheet(HTML) 5 Page - Qorvo, Inc

  ACT4911 Datasheet HTML 1Page - Qorvo, Inc ACT4911 Datasheet HTML 2Page - Qorvo, Inc ACT4911 Datasheet HTML 3Page - Qorvo, Inc ACT4911 Datasheet HTML 4Page - Qorvo, Inc ACT4911 Datasheet HTML 5Page - Qorvo, Inc ACT4911 Datasheet HTML 6Page - Qorvo, Inc ACT4911 Datasheet HTML 7Page - Qorvo, Inc ACT4911 Datasheet HTML 8Page - Qorvo, Inc ACT4911 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Data Sheet Rev. C, August 2021 | Subject to change without notice
5 of 33
www.qorvo.com
ACT4911
Power Loss Protection with 6A eFuse
®
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
HSB
High Side Bias, Boot-strap pin. This provides power to the internal high-side MOSFET gate driver
circuitry. Connect a 47nF capacitor from HSB pin to SW pin.
2
PLI
Power Loss Indicator Open-Drain Output. PLI goes low to indicate loss of input power. Can
also be configured as a storage voltage monitor or an output voltage monitor. PLI is referenced
to VSS.
3, 28
PGND
Power Ground. Connect to large ground plane on PCB
4
BSET
Sets the storage capacitor voltage. Place a resistor from BSET to VSS to set the desired voltage.
5
REF
Internal Bias Voltage Output. Connect a 1µF capacitor between REF and VSS.
6
COMP
Compensation input pin for the buck converter.
7
FB
Output Voltage Feedback. Kelvin connect FB to the output capacitor.
8
VSS
Analog Ground. Kelvin connect VSS to the PGND plane.
9
SCL
I2C Clock Input. Needs an external pull up resistor.
10
SDA
I2C Data Input and Output. Needs an external pull up resistor.
11,12,13,23, 24, 25
VOUT
Output for by-pass mode, in-rush, and eFuse functionality. Connect VOUT to the system load.
14
nIRQ
Interrupt Open-Drain Output. nIRQ goes low to indicate a fault condition. nIRQ is referenced
to VSS.
15
ISET
Input and Output Current Limit pin. ISET can also indicate the load current through the eFuse.
Connect a resistor from ISET to VSS to set the current limit.
16
SS
Soft Start Input. Place a capacitor from SS to VSS to control the eFuse startup voltage slew rate.
17
EN
Enable Input. A dual comparator on EN measures the input voltage to determine if it is under,
voltage, over voltage, or within normal operating limits. Connect a resistive voltage divider between
VIN, EN, and VSS to set the EN_UV and EN_UV thresholds. The EN_UV threshold is 0.64V. The
EN_OV threshold is typically 0.92V, but can be modified by the IC’s CMI.
18,19, 20, 21, 22
VIN
Power Supply Input. Input to the eFuse. Connect a 0.1µF capacitor between VIN and PGND as
close to the IC as possible.
26
STR
Storage Capacitor Input. Connect the storage capacitors to STR. STR requires a minimum
capacitor of 100µF to PGND.
27
SW
Switching Pin. This is the boost converter switch node and the buck converter switch node.
Connect the inductor to SW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com