Electronic Components Datasheet Search
  English  ▼

X  

ACT4911 Datasheet(PDF) 16 Page - Qorvo, Inc

Part # ACT4911
Description  Power Loss Protection with 6A eFuse
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4911 Datasheet(HTML) 16 Page - Qorvo, Inc

Back Button ACT4911 Datasheet HTML 12Page - Qorvo, Inc ACT4911 Datasheet HTML 13Page - Qorvo, Inc ACT4911 Datasheet HTML 14Page - Qorvo, Inc ACT4911 Datasheet HTML 15Page - Qorvo, Inc ACT4911 Datasheet HTML 16Page - Qorvo, Inc ACT4911 Datasheet HTML 17Page - Qorvo, Inc ACT4911 Datasheet HTML 18Page - Qorvo, Inc ACT4911 Datasheet HTML 19Page - Qorvo, Inc ACT4911 Datasheet HTML 20Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Data Sheet Rev. C, August 2021 | Subject to change without notice
16 of 33
www.qorvo.com
ACT4911
Power Loss Protection with 6A eFuse
®
States
eFuse
Boost
Buck
ADC
VREF
UV/POR
Disabled
Disabled
Disabled
Disabled
Disabled
SOFT-START
Enabled
Disabled
Disabled
Disabled
Enabled
NORMAL
Enabled
Enabled
Disabled
Enabled
Enabled
HEALT CHECK
Enabled
Enabled
Disabled
Enabled
Enabled
SUPPLEMENT
Disabled
Disabled
Enabled
Enabled
Enabled
SHUTDOWN1
Enabled
Disabled
Disabled
Enabled
Enabled
SHUTDOWN2
Disabled
Disabled
Disabled
Disabled
Disabled
Table 1: Enabled Functions in Different States
VIN
VOUT
VSTR
PLI
nIRQ
EN_UV
Buck_UV
Soft Start
Boost On
Supplement
Mode
10ms Delay
Boost
Enabled
(I2C)
Soft Start
Boost On
10ms Delay
0
0
0
0
0
Figure 4: Operation states



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com