Electronic Components Datasheet Search
  English  ▼

X  

ACT4911 Datasheet(PDF) 12 Page - Qorvo, Inc

Part # ACT4911
Description  Power Loss Protection with 6A eFuse
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4911 Datasheet(HTML) 12 Page - Qorvo, Inc

Back Button ACT4911 Datasheet HTML 8Page - Qorvo, Inc ACT4911 Datasheet HTML 9Page - Qorvo, Inc ACT4911 Datasheet HTML 10Page - Qorvo, Inc ACT4911 Datasheet HTML 11Page - Qorvo, Inc ACT4911 Datasheet HTML 12Page - Qorvo, Inc ACT4911 Datasheet HTML 13Page - Qorvo, Inc ACT4911 Datasheet HTML 14Page - Qorvo, Inc ACT4911 Datasheet HTML 15Page - Qorvo, Inc ACT4911 Datasheet HTML 16Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Data Sheet Rev. C, August 2021 | Subject to change without notice
12 of 33
www.qorvo.com
ACT4911
Power Loss Protection with 6A eFuse
®
I2C INTERFACE ELECTRICAL CHARACTERISTICS
(VIN = 5V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SCL, SDA Input Low
VIO = 1.8V
0.6
V
SCL, SDA Input High
VIO = 1.8V
1.2
V
SDA Leakage Current
SDA=5V
1
µA
SDA Output Low
IOL = 5mA
0.35
V
SCL Clock Frequency, fSCL
0
1000
kHz
SCL Low Period, tLOW
0.5
µs
SCL High Period, tHIGH
0.26
µs
SDA Data Setup Time, tSU
50
ns
SDA Data Hold Time, tHD
(Note 1)
0
ns
Start Setup Time, tST
For Start Condition
260
ns
Stop Setup Time, tSP
For Stop Condition
260
ns
Capacitance on SCL or SDA Pin
10
pF
SDA Rise Time SDA, Tr
Device requirement
120
ns
SDA Fall Time SDA, Tf
Device requirement
120
ns
Pulse Width of spikes must be suppressed on SCL and SDA
0
50
ns
Note 1: Comply with I2C timings for 1MHz operation - “Fast Mode Plus”.
Note 2: No internal timeout for I2C operations, however, I2C communication state machine will be reset when entering UV/POR State.
Note 3: This is an I2C system specification only. Rise and fall time of SCL & SDA not controlled by the device.
Note 4: Device Address is factory configurable to 7’h1A, 7’h3A, 7’h5A.
Figure 2: I2C Data Transfer
SDA
SCL
tST
tSU
tHD
tSP
tSCL
Start
condition
Stop
condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com