Electronic Components Datasheet Search
  English  ▼

X  

CORTEX-M7 Datasheet(PDF) 2 Page - Arm Limited (or its affiliates).

Part # CORTEX-M7
Description  Arm Cortex-M7 Processor Datasheet
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-M7 Datasheet(HTML) 2 Page - Arm Limited (or its affiliates).

  CORTEX-M7 Datasheet HTML 1Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 2Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 3Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 9Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Interrupt priority levels
8 to 256 priority levels
Wake-up interrupt
controller
Optional
Sleep modes
Integrated WFI and WFE Instructions and Sleep-On
Exit capability
Sleep and deep sleep signals
Optional retention mode with Arm Power Management Kit
Debug
Optional JTAG and serial wire debug ports. Up to
8 breakpoints and 4 watchpoints
Trace
Optional Embedded Trace Macrocell (ETM), Micro Trace
Buffer (MTB), Data Watchpoint and Trace (DWT), and
Instrumentation Trace (ITM)
Optional full data trace with ETM
Dual Core Lock-Step
support (DCLS)
Yes, DCLS configuration
About the Processor
The Cortex-M7 is a high-performance processor with almost double the performance of
the older Cortex-M4. It features a 6-stage superscalar pipeline with branch prediction and
an optional FPU capable of single-precision and optionally double-precision operations. The
instruction and data buses have been enlarged to 64-bit wide over the previous 32-bit buses.
The interfaces that the processor supports include:
64-bit AXI4 interface
32-bit AHB master interface
32-bit AHB slave interface
64-bit instruction TCM interface
2x32-bit data TCM interfaces
The processor has optional:
Up to 64kB instruction cache
Up to 64kB data cache
MPUs which you can configure to protect regions of memory
Double-precision and single-precision FPU
Support for ETM
The processor is highly configurable and is intended for a wide range of high-performance,
deeply embedded applications that require fast interrupt response features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com