Electronic Components Datasheet Search
  English  ▼

X  

CORTEX-M7 Datasheet(PDF) 11 Page - Arm Limited (or its affiliates).

Part # CORTEX-M7
Description  Arm Cortex-M7 Processor Datasheet
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-M7 Datasheet(HTML) 11 Page - Arm Limited (or its affiliates).

Back Button CORTEX-M7 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 9Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 10Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 11Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 12Page - Arm Limited (or its affiliates).  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Glossary of Terms
AHB
Advanced High-Performance Bus
AHBD
AHB-Lite Debug
AHBP
AHB-Lite Peripheral
AHBS
AHB-Lite slave
ALU
Arithmetic logic units
APB
Advanced Peripheral Bus
ATB
Advanced Trace Bus
AXI
Advanced Extensible Interface
BIC
Bus Interface Unit
BTAC
Branch Target Address Cache
CTI
Cross Trigger Interface Unit
DCLS
Dual Core Lock-step
DMA
Direct Memory Access
DMIPS
Dhrystone Million Instructions per Second
DPU
Data Processing Unit
DSP
Digital Signal Processing
DTCM
Data Tightly Coupled Memory
DWT
Data Watchpoint and Trace
ECC
Error Correction Code
EPPB
External Private Peripheral Bus
ETM
Instruction TraceEmbedded Trace Macrocell
FPU
Floating-point Unit
IEEE
Institute of Electrical and Electronics Engineers
ITCM
Instruction Tightly Coupled Memory
ITM
Instrumentation Trace
JTAG
Joint Test Action Group
LSU
Load Store Unit
MAC
Multiply Accumulate
MBIST
Memory Built-in Self-Test
MHz
Megahertz
MPU
Memory Protection Unit
MTB
Micro Trace Buffer
NMI
Non-maskable Interrupt
NVIC
Nested Vectored Interrupt Controller
Additional Technical documents
1. Cortex-M7 Technical Reference Manual - TRM
2. Cortex-M7 Integration and Implementation Manual – available as part of the Bill of Materials
3. Armv7-M Architecture Reference Manual - Arm
4. CoreSight ETM-M7 Technical Reference Manual - ETM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com