Electronic Components Datasheet Search
  English  ▼

X  

CORTEX-M7 Datasheet(PDF) 5 Page - Arm Limited (or its affiliates).

Part # CORTEX-M7
Description  Arm Cortex-M7 Processor Datasheet
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-M7 Datasheet(HTML) 5 Page - Arm Limited (or its affiliates).

  CORTEX-M7 Datasheet HTML 1Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 2Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 3Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 9Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Wake-up Interrupt Controller
The optional Wake-up Interrupt Controller (WIC) provides ultra-low power sleep mode support.
Memory System
The optional memory system includes:
A Bus Interface Unit (BIU) with a configurable AMBA 4 AXI interface that can support
a high-performance L2 memory system
An extended AHB-Lite interface to support low-latency system peripherals
A Tightly Coupled Interface Unit (TCU) with TCM interfaces that can support external
ECC logic and an AHBS interface for system access to TCMs
Instruction and data caches and controllers with optional ECC
A Memory Built-in Self-Test (MBIST) interface. The interface supports MBIST operation
while the processor is running
Memory Protection Unit
The optional MPU has configurable attributes for memory protection. It includes up to 16
memory regions and sub region disable (SRD), enabling efficient use of memory regions.
It also has the ability to enable a background region that implements the default memory
map attributes.
Cortex-M7 Processor and PPB ROM tables
The two ROM tables enable a debugger to identify and connect to CoreSight debug components.
Cross Trigger Interface Unit
The optional Cross Trigger Interface Unit (CTI) enables the debug logic and ETM to interact
with each other and with other CoreSight components.
ETM
The optional Embedded Trace Macrocell provides instruction-only or instruction and data
trace capabilities when configured. See the
Arm CoreSight ETM-M7 Technical Reference
Manual for more information.
Debug and Trace Components
Configurable Breakpoint unit (FPB) for implementing breakpoints
Configurable DWT unit for implementing watchpoints, data tracing, and system profiling
Optional ITM for support of printf() style debugging, using instrumentation trace
Interfaces suitable for:
– Passing on-chip data to a Trace Port Analyzer (TPA), including Single Wire
Output (SWO) mode
– Debugger access to all memory and registers in the system, including access
to memory mapped devices, access to internal core registers when the core
is halted, and access to debug control registers even when reset is asserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com