Electronic Components Datasheet Search
  English  ▼

X  

CORTEX-M7 Datasheet(PDF) 6 Page - Arm Limited (or its affiliates).

Part # CORTEX-M7
Description  Arm Cortex-M7 Processor Datasheet
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-M7 Datasheet(HTML) 6 Page - Arm Limited (or its affiliates).

Back Button CORTEX-M7 Datasheet HTML 2Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 3Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 9Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 10Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Interfaces
The processor contains the following external interfaces:
AHBP interface
AHBS interface
AHBD interface
External Private Peripheral Bus
ATB interfaces
TCM interface
Cross Trigger interface
MBIST interface
AXIM interface
AHBP Interface
The AHBP interface provides access suitable for low latency system peripherals. It provides support
for unaligned memory accesses, write buffer for buffering of write data, and exclusive access
transfers for multiprocessor systems.
AHBS Interface
The AHBS interface enables system access to TCMs.
AHBD Interface
The AHB-Lite Debug (AHBD) interface provides debug access to the Cortex-M7 processor and
the complete memory map.
External Private Peripheral Bus
The APB External PPB (EPPB) enables access to CoreSight-compatible debug and trace
components, in the system connected to the processor.
ATB Interfaces
The ATB interface output traces information used for debugging. The ATB interface is compatible
with the CoreSight architecture. See the
Arm CoreSightTM Architecture Specification (v2.0) for
more information.
TCM Interface
The processor can have up to two TCM memory instances, Instruction TCM (ITCM) and Data
TCM (DTCM), each with a double word data width. Access to ITCM is through the ITCM 64-bit
wide interface. Access to DTCM is through the 32-bit D0TCM interface and the 32-bit wide
D1TCM interface. The DTCM accesses are split so that lower words always access D0TCM and
upper words always access D1TCM. The size of both TCM instances is configurable, 4KB-16MB in
powers of 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com