Electronic Components Datasheet Search
  English  ▼

X  

CORTEX-M7 Datasheet(PDF) 4 Page - Arm Limited (or its affiliates).

Part # CORTEX-M7
Description  Arm Cortex-M7 Processor Datasheet
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-M7 Datasheet(HTML) 4 Page - Arm Limited (or its affiliates).

  CORTEX-M7 Datasheet HTML 1Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 2Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 3Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-M7 Datasheet HTML 9Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
A static branch predictor when no BTAC is specified
Forwarding of flags for early resolution of direct branches in the decoder and first
execution stages of the processor pipeline
Load Store Unit
The Load Store Unit (LSU) provides:
Dual 32-bit load channels to TCM, data cache, and AXI master (AXIM) interface
for 64-bit load bandwidth and dual 32-bit load capability
Single 32-bit load channel to the AHB interface. Single 64-bit store channel
Store buffering to increase store throughput and minimize RAM contention with data
and instruction reads
Separate store buffering for TCM, AHBP and AXIM for quality of service (QoS) and
interface-specific optimizations
Floating-point Unit
The optional FPU provides:
Lazy floating-point context save. Automated stacking of floating-point state is delayed
until the ISR attempts to execute a floating-point instruction. This reduces the latency
to enter the ISR and removes floating-point context save for ISRs that do not use
floating-point
Instructions for single-precision (C programming language float type)
data-processing operations
Optional instructions for double-precision (C double type) data-processing operations
Combined multiply and accumulate instructions for increased precision (Fused MAC)
Hardware support for conversion, addition, subtraction, multiplication with optional
accumulate, division, and square root
Hardware support for denormals and all IEEE Standard 754-2008 rounding modes
32 x 32-bit single-precision registers or 16 x 64-bit double-precision registers
Nested Vectored Interrupt Controller
The NVIC is closely integrated with the core to achieve low-latency interrupt processing.
Features include:
External interrupts, configurable from 1 to 240. This is configured at implementation
Configurable levels of interrupt priority from 8 to 256. Configured at implementation
Dynamic reprioritization of interrupts
Priority grouping. This enables selection of pre-empting interrupt levels and
non-pre-empting interrupt levels
Support for tail-chaining and late arrival of interrupts. This enables back-to-back interrupt
processing without the overhead of state saving and restoration between interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com