Electronic Components Datasheet Search
  English  ▼

X  

BMA456 Datasheet(PDF) 59 Page - Bosch Sensortec GmbH

Part # BMA456
Description  Digital, triaxial acceleration sensor
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA456 Datasheet(HTML) 59 Page - Bosch Sensortec GmbH

Back Button BMA456 Datasheet HTML 55Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 56Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 57Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 58Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 59Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 60Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 61Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 62Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 63Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 103 page
background image
Bosch Sensortec | BMA456 Data Sheet
59 | 103
Modifications reserved | Data subject to change without notice
Document number: BST-BMA456-DS000-08
Revision_3.5_032025
Register (0x44) AUX_CONF
DESCRIPTION: Sets the output data rate of the Auxiliary interface
RESET: 0x46
DEFINITION (Go to register map):
Name
Register (0x44) AUX_CONF
Bit
7
6
5
4
Read/Write
RW
RW
RW
RW
Reset Value
0
1
0
0
Content
aux_offset
Bit
3
2
1
0
Read/Write
RW
RW
RW
RW
Reset Value
0
1
1
0
Content
aux_odr
aux_odr:
Select the poll rate for the sensor attached to the Auxiliary interface.
aux_odr
0x00
reserved Reserved
0x01
odr_0p78 25/32
0x02
odr_1p5
25/16
0x03
odr_3p1
25/8
0x04
odr_6p25 25/4
0x05
odr_12p5 25/2
0x06
odr_25
25
0x07
odr_50
50
0x08
odr_100
100
0x09
odr_200
200
0x0a
odr_400
400
0x0b
odr_800
800
0x0c
odr_1k6
Reserved
0x0d
odr_3k2
Reserved
0x0e
odr_6k4
Reserved
0x0f
odr_12k8 Reserved
aux_offset:
trigger-readout offset in units of 2.5 ms. If set to zero, the offset is maximum, i.e. after
readout a trigger is issued immediately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com