Electronic Components Datasheet Search
  English  ▼

X  

BMA456 Datasheet(PDF) 79 Page - Bosch Sensortec GmbH

Part # BMA456
Description  Digital, triaxial acceleration sensor
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA456 Datasheet(HTML) 79 Page - Bosch Sensortec GmbH

Back Button BMA456 Datasheet HTML 75Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 76Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 77Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 78Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 79Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 80Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 81Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 82Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 83Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 103 page
background image
Bosch Sensortec | BMA456 Data Sheet
79 | 103
Modifications reserved | Data subject to change without notice
Document number: BST-BMA456-DS000-08
Revision_3.5_032025
Primary Interface I2C/SPI Protocol Selection
The protocol is automatically selected based on the chip select CSB pin behavior after power-up.
At reset / power-up, BMA456 is in I2C mode. If CSB is connected to VDDIO during power-up and not
changed, the sensor interface works in I2C mode. For using I2C, it is recommended to hard-wire the
CSB line to VDDIO. Since power-on-reset is only executed when, both VDD and VDDIO are
established, there is no risk of incorrect protocol detection due to power-up sequence.
If CSB sees a rising edge after power-up, the BMA456 interface switches to SPI until a reset or the
next power-up occurs. Therefore, a CSB rising edge is needed before starting the SPI communication.
Hence, it is recommended to perform a SPI single read of register CHIP_ID (the obtained value will be
invalid) before the actual communication start, in order to use the SPI interface.
If toggling of the CSB bit is not possible without data communication, there is in addition the spi_en bit
in Register NV_CONF, which can be used to permanently set the primary interface to SPI without the
need to toggle the CSB pin at every power-up or reset.
SPI interface and protocol
The timing specification for SPI of the BMA456 is given in the following table:
SPI timing, valid at VDDIO ≥ 1.71V
Parameter
Symbol
Condition
Min
Max
Units
Clock Frequency
fSPI
Max. Load on SDI
or SDO = 30pF,
VDDIO ≥ 1.62 V
10
MHz
VDDIO < 1.62V
7
MHz
SCK Low Pulse
tSCKL
VDDIO>=1.62V
45
ns
SCK High Pulse
tSCKH
VDDIO>=1.62V
45
ns
SCK Low Pulse
tSCKL
VDDIO<1.62V
66
ns
SCK High Pulse
tSCKH
VDDIO<1.62V
66
ns
SDI Setup Time
tSDI_setup
20
ns
SDI Hold Time
tSDI_hold
20
ns
SDO Output Delay
tSDO_OD
Load = 30pF, VDDIO
≥ 1.62V
30
ns
CSB Setup Time
tCSB_setup
40
ns
CSB Hold Time
tCSB_hold
40
ns
Idle time between write
accesses, suspend
mode, low-power mode 1
tIDLE_wacc_sum
450
µs
Idle time after write and
read access, active state
tIDLE_wr_act
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com