Electronic Components Datasheet Search
  English  ▼

X  

BMA456 Datasheet(PDF) 34 Page - Bosch Sensortec GmbH

Part # BMA456
Description  Digital, triaxial acceleration sensor
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA456 Datasheet(HTML) 34 Page - Bosch Sensortec GmbH

Back Button BMA456 Datasheet HTML 30Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 31Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 32Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 33Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 34Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 35Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 36Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 37Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 38Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 103 page
background image
Bosch Sensortec | BMA456 Data Sheet
34 | 103
Modifications reserved | Data subject to change without notice
Document number: BST-BMA456-DS000-08
Revision_3.5_032025
Setup mode (AUX_IF_CONF.aux_manual_en =0b1)
Through the primary interface the auxiliary sensor may be accessed using indirect addressing through
the AUX_* registers. AUX_RD_ADDR and AUX_WR_ADDR define the address of the register to
read/write in the auxiliary sensor register map and triggers the operation itself, when the auxiliary
sensor interface is enabled through PWR_CTRL.aux_en.
For reads, the number of data bytes defined in AUX_IF_CONF.aux_rd_burst are read from the
auxiliary sensor and written into the BMA456 Register DATA_0 to DATA_7. For writes only single bytes
are written, independent of the settings in AUX_IF_CONF.aux_rd_burst. The data for the I2C write to
auxiliary sensor must be stored in AUX_WR_DATA before the auxiliary sensor register address is
written into AUX_WR_ADDR.
When a read or write operation is triggered by writing to AUX_RD_ADDR and AUX_WR_ADDR,
STATUS.aux_man_op is set and it is reset when the operation is completed. For reads the DATA_0 to
DATA_7 contains the read data, for writes AUX_WR_DATA may be overwritten again.
Configuration phase of the auxiliary sensor.
Example: Read bytes 5 and 6 of auxiliary sensor
End
start
check that no manual
auxiliary sensor
op is running
I2C_READ( STATUS, 1)
STATUS.aux_man_op=1 ?
enable reads/writes, set
burst length to 2
I2C_READ( STATUS, 1)
I2C_WRITE(AUX_IF_CONF, 0b10000001)
Issue I2C read operation
for byte 5+6 on
auxiliary sensor
I2C_WRITE(AUX_RD_ADDR, 0b00000101)
check if data
is already valid
I2C_READ(STATUS, 1)
STATUS<2>=1 ?
burst read the two bytes
I2C_READ(STATUS, 1)
I2C_READ(DATA_0, 2)
Yes
No
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com