Electronic Components Datasheet Search
  English  ▼

X  

BMA456 Datasheet(PDF) 39 Page - Bosch Sensortec GmbH

Part # BMA456
Description  Digital, triaxial acceleration sensor
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA456 Datasheet(HTML) 39 Page - Bosch Sensortec GmbH

Back Button BMA456 Datasheet HTML 35Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 36Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 37Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 38Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 39Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 40Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 41Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 42Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 43Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 103 page
background image
Bosch Sensortec | BMA456 Data Sheet
39 | 103
Modifications reserved | Data subject to change without notice
Document number: BST-BMA456-DS000-08
Revision_3.5_032025
Non-Volatile Memory
The registers NV_CONF and OFFSET_0 to OFFSET_2 have an NVM backup which are accessible
by the user.
The content of the NVM is loaded to the image registers after a reset (either POR or softreset). As
long as the image update is in progress, STATUS.cmd_rdy is 0b0, otherwise it is 0b1.
The image registers can be read and written like any other register.
Writing to the NVM is a 4-step procedure:
1. Set PWR_CONF.adv_power_save = 0b0
2. Write the new contents to the image registers.
3. Write 0b1 to bit NVM_CONF.nvm_prog_en in order to unlock the NVM.
4. Write nvm_prog to the CMD register to trigger the write process.
Writing to the NVM always renews the entire NVM contents. It is possible to check the write status by
reading STATUS.cmd_rdy. While STATUS.cmd_rdy = 0b0, the write process is still in progress; when
STATUS.cmd_rdy = 0b1, writing is completed. An NVM write cycle can only be initiated, if
PWR_CONF.adv_power_save = 0b0.
Until boot phase is finished (after POR or softreset), the serial interface is not operational. The NVM
shadow registers must not be accessed during an ongoing NVM command (initiated through the
Register CMD). In all other cases, register can be read or written.
As long as an NVM read (during sensor boot and soft reset) or an NVM write is ongoing, writes to
sensor registers are discarded, reads return the Register STATUS independent of the read address.
Soft-Reset
A softreset can be initiated at any time by writing the command softreset (0xB6) to register CMD. The
softreset performs a fundamental reset to the device which is largely equivalent to a power cycle.
Following a delay, all user configuration settings are overwritten with their default state (setting stored
in the NVM) wherever applicable. This command is functional in all operation modes but must not be
performed while NVM writing operation is in progress.
Soft reset timing:
In I2C mode, the rising edge of the SCL line for the ACK bit of the soft reset transfer determines the
reception of soft reset. The execution of the soft rest is delayed by 0.5 – 1us if the sensor is not in
advanced power save mode i.e. PWR_CONF.adv_power_save=0b0.
The execution of the soft reset causes that the SDA line to be released immediately by the device,
independent of the state of the SCL line.
If the host requires an explicit I2C ACK for the soft reset (i.e. SDA line remains low while the SCL line
is high) the host must put the sensor in advance power save mode
(PWR_CONF.adv_power_save=0b1), disable the sensor (PWR_CTRL.acc_en=0b0) and the auxillary
interface (PWR_CTRL.aux_en=0b0) before issuing a soft reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com