Electronic Components Datasheet Search
  English  ▼

X  

BMA456 Datasheet(PDF) 24 Page - Bosch Sensortec GmbH

Part # BMA456
Description  Digital, triaxial acceleration sensor
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA456 Datasheet(HTML) 24 Page - Bosch Sensortec GmbH

Back Button BMA456 Datasheet HTML 20Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 21Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 22Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 23Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 24Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 25Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 26Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 27Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 28Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 103 page
background image
Bosch Sensortec | BMA456 Data Sheet
24 | 103
Modifications reserved | Data subject to change without notice
Document number: BST-BMA456-DS000-08
Revision_3.5_032025
When FIFO_<sensor x>_data is 0b1 (0b0) data for sensor x is included (not included) in the data part
of the frame.
The fh_ext<1:0> field are used for external tagging.
The data format for data frames is identical to the format defined for the Register (0x0A) DATA_0 to
Register (0x17) DATA_13 register. Only frames which contain data of at least one sensor will be
written into the FIFO. E.g. fh_parm=0b0101 the data in the frame are shown below. If the read burst
length is less than 8 byte, the number of auxiliary sensor data in the frame is reduced to the burst
length.
DATA[X]
Acronym
X=0
AUX_0
copy of register Val(AUX_RD_ADDR) in auxiliary sensor
register map
X=1
AUX_1
copy of register Val(AUX_RD_ADDR )+1 in auxiliary sensor
register map
X=2
AUX_2
copy of register Val(AUX_RD_ADDR )+2 in auxiliary sensor
register map
X=3
AUX_3
copy of register Val(AUX_RD_ADDR )+3 in auxiliary sensor
register map
X=4
AUX_4
copy of register Val(AUX_RD_ADDR )+4 in auxiliary sensor
register map
X=5
AUX_5
copy of register Val(AUX_RD_ADDR )+5 in auxiliary sensor
register map
X=6
AUX_6
copy of register Val(AUX_RD_ADDR )+6 in auxiliary sensor
register map
X=7
AUX_7
copy of register Val(AUX_RD_ADDR)+7 in auxiliary sensor
register map
X=8
ACC_X<7:0> (LSB)
X=9
ACC_X<15:8> (MSB)
X=10
ACC_Y<7:0> (LSB)
X=11
ACC_Y<15:8> (MSB)
X=12
ACC_Z<7:0> (LSB)
X=13
ACC_Z<15:8> (MSB)
Headerless mode
When the data rates of all enabled sensor elements are identical, the FIFO header may be disabled in
FIFO_CONFIG_1.fifo_header_en.
The headerless mode supports only regular frames. To be able to distinguish frames from each other,
all frames must have the same size. For this reason, any change in configuration that have an impact
to frame size or order of data within a frame will cause an instant flush of FIFO, restarting capturing of
data with the new settings.
If the auxiliary sensor interface is enabled, the number of auxiliary sensor bytes in a FIFO frame is
always AUX_IF_CONF.aux_rd_burst bytes (see chapter 4.8). If the burst length is less than 8,
BMA456 will pad the values read form the auxiliary sensor. E.g. if AUX_IF_CONF.aux_rd_burst=0b01
(2 Bytes), a frame with auxiliary sensor and accelerometer data will look like



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com