Electronic Components Datasheet Search
  English  ▼

X  

BMA456 Datasheet(PDF) 19 Page - Bosch Sensortec GmbH

Part # BMA456
Description  Digital, triaxial acceleration sensor
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA456 Datasheet(HTML) 19 Page - Bosch Sensortec GmbH

Back Button BMA456 Datasheet HTML 15Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 16Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 17Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 18Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 19Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 20Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 21Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 22Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 23Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 103 page
background image
Bosch Sensortec | BMA456 Data Sheet
19 | 103
Modifications reserved | Data subject to change without notice
Document number: BST-BMA456-DS000-08
Revision_3.5_032025
Sensor Data
Acceleration Data
The width of acceleration data is 16 bits given in two´s complement representation in the registers
DATA_8 to DATA_13. The 16 bits for each axis are split into an MSB upper part and an LSB lower
part. Reading the acceleration data registers shall always start with the LSB part. In order to ensure
the integrity of the acceleration data, the content of an MSB register is locked by reading the
corresponding LSB register (shadowing procedure).
Filter Settings
The accelerometer digital filter can be configured through the Register ACC_CONF.
Note:
Illegal settings in configuration registers will result in an error code in Register ERR_REG. The content
of the data register is undefined, and if the FIFO is used, it may contain no value.
Accelerometer data processing for performance mode
Performance mode is enabled with ACC_CONF.acc_perf_mode=0b1. In this power mode, the
accelerometer data is sampled at equidistant points in the time, defined by the accelerometer output
data rate parameter ACC_CONF.acc_odr. The output data rate can be configured in one of eight
different valid ODR configurations going from 12.5 Hz up to 1600Hz.
The filter bandwidth shows a 3db cutoff frequency shown in the following table:
Table 12: 3dB cutoff frequency of the accelerometer according to ODR with normal filter mode
Accelerometer ODR [Hz] 12.5
25
50
100
200
400
800
1600
3dB Cutoff frequency [Hz] 5.06 10.12
20.25
40.5
80
162 (155
for Z axis)
324
(262 for Z
axis)
684
(353 for Z
axis)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com