Electronic Components Datasheet Search
  English  ▼

X  

BMA456 Datasheet(PDF) 69 Page - Bosch Sensortec GmbH

Part # BMA456
Description  Digital, triaxial acceleration sensor
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA456 Datasheet(HTML) 69 Page - Bosch Sensortec GmbH

Back Button BMA456 Datasheet HTML 65Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 66Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 67Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 68Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 69Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 70Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 71Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 72Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 73Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 103 page
background image
Bosch Sensortec | BMA456 Data Sheet
69 | 103
Modifications reserved | Data subject to change without notice
Document number: BST-BMA456-DS000-08
Revision_3.5_032025
Register (0x59) INIT_CTRL
DESCRIPTION: Start initialization
RESET: 0x90
DEFINITION (Go to register map):
Name
Register (0x59) INIT_CTRL
Bit
7
6
5
4
Read/Write
RW
RW
RW
RW
Reset Value
1
0
0
1
Content
init_ctrl
Bit
3
2
1
0
Read/Write
RW
RW
RW
RW
Reset Value
0
0
0
0
Content
init_ctrl
init_ctrl:
Commands to start initialization
init_ctrl
0x00
Load configuration file Enable the mode for accept configuration file
0x01
Start initialization
Enable sensor features after loading configuration file
Note: the commands should not been used more than once after POR or softreset, and the process of
start initialization described in chapter 4.2 should be strictly followed.
Register (0x5B) INIT_ADDR_0
DESCRIPTION: Base address of the initialization data. Increment by burst write length in bytes/2 after
each burst write operation. Please ignore, if your host supports to load the initialization data in a single
8kB burst write operation.
RESET: 0x00
DEFINITION (Go to register map):
Address Bit
Name
Description
Reset Access
0x5B
INIT_ADDR_0
0x00
3...0 base_0_3
Bits 0 to 3 of the base address for
initialization data.
0x0
RW
Register (0x5C) INIT_ADDR_1
DESCRIPTION: Base address of the initialization data. Increment by burst write length in bytes/2 after
each burst write operation. Please ignore, if your host supports to load the initialization data in a single
8kB burst write operation.
RESET: 0x00
DEFINITION (Go to register map):
Address Bit
Name
Description
Reset Access
0x5C
INIT_ADDR_1
0x00
7...0 base_11_4
Bits 4 to 11 of the base address for
initialization data.
0x0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com