Electronic Components Datasheet Search
  English  ▼

X  

BMA456 Datasheet(PDF) 9 Page - Bosch Sensortec GmbH

Part # BMA456
Description  Digital, triaxial acceleration sensor
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA456 Datasheet(HTML) 9 Page - Bosch Sensortec GmbH

Back Button BMA456 Datasheet HTML 5Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 6Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 7Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 8Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 9Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 10Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 11Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 12Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 13Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 103 page
background image
Bosch Sensortec | BMA456 Data Sheet
9 | 103
Modifications reserved | Data subject to change without notice
Document number: BST-BMA456-DS000-08
Revision_3.5_032025
OUTPUT SIGNAL
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Sensitivity
S2g
gFS2g, TA=25°C
16384
LSB/g
S4g
gFS4g, TA=25°C
8192
LSB/g
S8g
gFS8g, TA=25°C
4096
LSB/g
S16g
gFS16g, TA=25°C
2048
LSB/g
Sensitivity
Temperature Drift
TCS
±0.005
%/K
Zero-g Offset
Off
Nominal VDD and VDDIO,
25°C, gFS4g
±20
mg
Zero-g Offset
Temperature Drift
TCO
X/Y - Axes
±0.2
mg/K
Z-Axis
±0.35
mg/K
Output Data Rate
ODRPERF
Performance mode
12.5
1600
Hz
Output data rate
and BW in
Performance mode
ODR12.5
3dB cutoff frequency of
the accelerometer
according to ODR with
normal filter mode
5.06
Hz
ODR25
10.12
Hz
ODR50
20.25
Hz
ODR100
40.5
Hz
ODR200
80
Hz
ODR400
162 (155 for
Z axis)
Hz
ODR800
324
(262 for Z
axis)
Hz
ODR1600
684
(353 for Z
axis)
HZ
Output Data Rate
ODRLPM
Low-power mode
0.78
400
Hz
Nonlinearity
NL
Nominal VDD and VDDIO,
25°C, gFS4g
±0.5
%FS
Output Noise Density
ndens
Nominal VDD and VDDIO,
25°C, gFS4g
120
µg/√Hz
Temperature
Sensor Measurement
Range
Ts
-40
80
°C
Temperature
Sensor Slope
dTS
1
K/LSB
Temperature
Sensor Offset
OTS
at 23°C
1
K
MECHANICAL CHARACTERISTICS
Parameter
Symbol
Condition
Min
Typ
Max
Units
Cross Axis
Sensitivity
S
relative contribution
between any two of the
three axes
±0.5
%
Alignment Error
EA
relative to package
outline
±0.5
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com