Electronic Components Datasheet Search
  English  ▼

X  

BME680 Datasheet(PDF) 11 Page - Bosch Sensortec GmbH

Part # BME680
Description  Low power gas, pressure, temperature & humidity sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME680 Datasheet(HTML) 11 Page - Bosch Sensortec GmbH

Back Button BME680 Datasheet HTML 7Page - Bosch Sensortec GmbH BME680 Datasheet HTML 8Page - Bosch Sensortec GmbH BME680 Datasheet HTML 9Page - Bosch Sensortec GmbH BME680 Datasheet HTML 10Page - Bosch Sensortec GmbH BME680 Datasheet HTML 11Page - Bosch Sensortec GmbH BME680 Datasheet HTML 12Page - Bosch Sensortec GmbH BME680 Datasheet HTML 13Page - Bosch Sensortec GmbH BME680 Datasheet HTML 14Page - Bosch Sensortec GmbH BME680 Datasheet HTML 15Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
Bosch Sensortec | BME680 Datasheet
11 | 53
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BME680-DS001-09 Revision_1.9_022024
1.4 Pressure sensor specification
Table 7: Pressure parameter specification
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Operating temperature
range
TA
operational
-40
25
85
°C
full accuracy
0
65
Operating pressure
range
P
full accuracy
300
1100
hPa
Supply current
IDD,LP
1 Hz forced mode,
pressure and temperature,
lowest power
3.1
4.2
µA
Temperature coefficient
of offset13
TCOP
25‒40 °C, 900 hPa
±1.3
Pa/K
±10.9
cm/K
Absolute accuracy
pressure
Ap, full
300‒1100 hPa
0‒65°C
±0.6
hPa
Relative accuracy
pressure
Arel
700‒900hPa,
25‒40 °C, at constant
humidity
±0.12
hPa
Arel
900‒1100hPa
25‒40 °C, at constant
humidity
±0.12
hPa
Resolution of
pressure output data
RP
Highest oversampling
0.18
Pa
Noise in pressure
NP,fullBW
Full bandwidth, highest
oversampling
1.4
Pa
11
cm
Reduced bandwidth, highest
oversampling
0.2
Pa
1.7
cm
Solder drift
Minimum solder height 50µm
-0.5
1.2
+2.0
hPa
Long-term stability14
Pstab
per year
±1.0
hPa
Possible sampling rate
fsample_P
Lowest oversampling,
see chapter 3.3.2
157
182
Hz
13 When changing temperature from 25 °C to 40 °C at constant pressure / altitude, the measured pressure / altitude will change by (15×TCOP).
14 Long-term stability is specified in the full accuracy operating pressure range 0‒65 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com