Electronic Components Datasheet Search
  English  ▼

X  

BME680 Datasheet(PDF) 35 Page - Bosch Sensortec GmbH

Part # BME680
Description  Low power gas, pressure, temperature & humidity sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME680 Datasheet(HTML) 35 Page - Bosch Sensortec GmbH

Back Button BME680 Datasheet HTML 31Page - Bosch Sensortec GmbH BME680 Datasheet HTML 32Page - Bosch Sensortec GmbH BME680 Datasheet HTML 33Page - Bosch Sensortec GmbH BME680 Datasheet HTML 34Page - Bosch Sensortec GmbH BME680 Datasheet HTML 35Page - Bosch Sensortec GmbH BME680 Datasheet HTML 36Page - Bosch Sensortec GmbH BME680 Datasheet HTML 37Page - Bosch Sensortec GmbH BME680 Datasheet HTML 38Page - Bosch Sensortec GmbH BME680 Datasheet HTML 39Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
Bosch Sensortec | BME680 Datasheet
35 | 53
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BME680-DS001-09 Revision_1.9_022024
5.3.4 Data registers
In this section, the data registers for the temperature, pressure, humidity and gas sensors are explained. Shadowing
registers are utilized to buffer the data and to ensure stable data in case an update of the data registers occurs
simultaneously with the serial interface reading out.
5.3.4.1 Pressure data
Register Name
Address
Content<bit position>
Description
press_msb
0x1F
press_msb<7:0>
Contains the MSB part [19:12] of the raw
pressure measurement output data.
press_lsb
0x20
press_lsb<7:0>
Contains the LSB part [11:4] of the raw pressure
measurement output data
press_xlsb
0x21
press_xlsb<7:4>
Contains the XLSB part [3:0] of the raw pressure
measurement output data. Contents depend on
pressure resolution controlled by oversampling
setting.
5.3.4.2 Temp data
Register Name
Address
Content<bit position>
Description
temp_msb
0x22
temp_msb<7:0>
Contains the MSB part [19:12] of the raw
temperature measurement output data.
temp_lsb
0x23
temp_lsb<7:0>
Contains the LSB part [11:4] of the raw
temperature measurement output data.
temp_xlsb
0x24
temp_xlsb<7:4>
Contains the XLSB part [3:0] of the raw
temperature measurement output data. Contents
depend on temperature resolution controlled by
oversampling setting.
5.3.4.3 Humidity data
Register Name
Address
Content<bit position>
Description
hum_msb
0x25
hum_msb<7:0>
Contains the MSB part [15:8] of the raw humidity
measurement output data.
hum_lsb
0x26
hum_lsb<7:0>
Contains the LSB part [7:0] of the raw humidity
measurement output data.
5.3.4.4 Gas sensor resistance data
Register Name
Address
Content<bit position>
Description
gas_r_msb
0x2A
gas_r<7:0>
Contains the MSB part gas sensor resistance
[9:2] of the raw gas sensor resistance.
gas_r_lsb
0x2B
gas_r<7:6>
Contains the LSB part gas sensor resistance [1:0]
of the raw gas sensor resistance.
5.3.4.5 Gas sensor resistance range
Register Name
Address
Content<bit position>
Description
gas_r_lsb
0x2B
gas_range_r<3:0>
Contains ADC range of measured gas sensor
resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com