Electronic Components Datasheet Search
  English  ▼

X  

BME680 Datasheet(PDF) 2 Page - Bosch Sensortec GmbH

Part # BME680
Description  Low power gas, pressure, temperature & humidity sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME680 Datasheet(HTML) 2 Page - Bosch Sensortec GmbH

  BME680 Datasheet HTML 1Page - Bosch Sensortec GmbH BME680 Datasheet HTML 2Page - Bosch Sensortec GmbH BME680 Datasheet HTML 3Page - Bosch Sensortec GmbH BME680 Datasheet HTML 4Page - Bosch Sensortec GmbH BME680 Datasheet HTML 5Page - Bosch Sensortec GmbH BME680 Datasheet HTML 6Page - Bosch Sensortec GmbH BME680 Datasheet HTML 7Page - Bosch Sensortec GmbH BME680 Datasheet HTML 8Page - Bosch Sensortec GmbH BME680 Datasheet HTML 9Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
Bosch Sensortec | BME680 Datasheet
2 | 53
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BME680-DS001-09 Revision_1.9_022024
BME680
Low power gas, pressure, temperature & humidity sensor
The BME680 is a digital 4-in-1 sensor with gas, humidity, pressure and temperature measurement based on
proven sensing principles. The sensor module is housed in an extremely compact metal-lid LGA package with a
footprint of only 3.0 × 3.0 mm² with a maximum height of 1.00 mm (0.93 ± 0.07 mm). Its small dimensions and its
low power consumption enable the integration in battery-powered or frequency-coupled devices, such as
handsets or wearables.
Typical applications
• Indoor air quality
• Home automation and control
• Internet of things
• Weather forecast
• GPS enhancement (e.g. time-to-first-fix improvement, dead reckoning, slope detection)
• Indoor navigation (change of floor detection, elevator detection)
• Outdoor navigation, leisure and sports applications
• Vertical velocity indication (rise/sink speed)
Target Devices
• Handsets such as mobile phones, tablet PCs, GPS devices
• Wearables
• Home weather stations
• Smart watches
• Home appliances
• Navigation systems
• Gaming, e.g. flying toys
• IOT devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com