Electronic Components Datasheet Search
  English  ▼

X  

BME680 Datasheet(PDF) 33 Page - Bosch Sensortec GmbH

Part # BME680
Description  Low power gas, pressure, temperature & humidity sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME680 Datasheet(HTML) 33 Page - Bosch Sensortec GmbH

Back Button BME680 Datasheet HTML 29Page - Bosch Sensortec GmbH BME680 Datasheet HTML 30Page - Bosch Sensortec GmbH BME680 Datasheet HTML 31Page - Bosch Sensortec GmbH BME680 Datasheet HTML 32Page - Bosch Sensortec GmbH BME680 Datasheet HTML 33Page - Bosch Sensortec GmbH BME680 Datasheet HTML 34Page - Bosch Sensortec GmbH BME680 Datasheet HTML 35Page - Bosch Sensortec GmbH BME680 Datasheet HTML 36Page - Bosch Sensortec GmbH BME680 Datasheet HTML 37Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
Bosch Sensortec | BME680 Datasheet
33 | 53
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BME680-DS001-09 Revision_1.9_022024
5.3.3.3 Gas Sensor wait time - gas_wait_x
Referring to Figure 1, the time between the beginning of the heat phase and the start of gas sensor resistance conversion
depends on gas_wait_x setting as mentioned below.
Heater set-point
Register name
Address
Content
Description
0...9
gas_wait_x
x is from 0 to 9
0x64…0x6D
gas_wait_x<5:0>
x is from 0 to 9
64 timer values with
1 ms step sizes, all zeros
means no wait
0...9
gas_wait_x
x is from 0 to 9
0x64…0x6D
gas_wait_x<7:6>
x is from 0 to 9
Please refer to the table below
for settings
gas_wait_x<7:6>
Gas sensor wait time multiplication factor
00
1
01
4
10
16
11
64
5.3.3.4 Heater off - heat_off
Register Name
Address
Content<bit
position>
Description
ctrl_gas_0
0x70
heat_off <3>
Turn off current injected to heater by setting bit to
one



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com