Electronic Components Datasheet Search
  English  ▼

X  

BME680 Datasheet(PDF) 14 Page - Bosch Sensortec GmbH

Part # BME680
Description  Low power gas, pressure, temperature & humidity sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME680 Datasheet(HTML) 14 Page - Bosch Sensortec GmbH

Back Button BME680 Datasheet HTML 10Page - Bosch Sensortec GmbH BME680 Datasheet HTML 11Page - Bosch Sensortec GmbH BME680 Datasheet HTML 12Page - Bosch Sensortec GmbH BME680 Datasheet HTML 13Page - Bosch Sensortec GmbH BME680 Datasheet HTML 14Page - Bosch Sensortec GmbH BME680 Datasheet HTML 15Page - Bosch Sensortec GmbH BME680 Datasheet HTML 16Page - Bosch Sensortec GmbH BME680 Datasheet HTML 17Page - Bosch Sensortec GmbH BME680 Datasheet HTML 18Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
Bosch Sensortec | BME680 Datasheet
14 | 53
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BME680-DS001-09 Revision_1.9_022024
3. Sensor usage
3.1 Sensor modes
The sensor supports low-level power modes: sleep and forced mode. These modes can be selected using the mode<1:0>
control register (see Section 5.3.1.3). The key differences between the modes are summarized in Table 10.
After a power-up sequence, the sensor automatically starts in sleep mode. If the device is currently performing a
measurement, execution of mode switching commands is delayed until the end of the currently running measurement period.
It is important to note that, further mode change commands or other write commands to the control registers are ignored until
the mode change command has been executed. All control registers should be set to the desired values before writing to the
mode register.
Table 10: Low-level operation modes
Operation mode
mode<1:0>
Key features
Sleep
00
•
No measurements are performed
•
Minimal power consumption
Forced mode
01
•
Single TPHG cycle is performed
•
Sensor automatically returns to sleep mode afterwards
•
Gas sensor heater only operates during gas measurement
In forced mode, temperature, pressure, humidity and gas conversion are performed sequentially. Such a measurement cycle
is abbreviated as TPHG (Temperature, Pressure, Humidity and Gas) in the following descriptions. Up to 10 temperature set-
points and heating durations for the gas sensor hot plate can be stored in the sensor registers. In the following, these set-
points and the corresponding measurements are identified as G0 – G9.Figure 1 illustrates the handling of these measurement
sequences and the gas sensor hot plate is heated for the forced mode.
Figure 1: Sequence of ADC and gas sensor heater operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com