Electronic Components Datasheet Search
  English  ▼

X  

BME680 Datasheet(PDF) 32 Page - Bosch Sensortec GmbH

Part # BME680
Description  Low power gas, pressure, temperature & humidity sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME680 Datasheet(HTML) 32 Page - Bosch Sensortec GmbH

Back Button BME680 Datasheet HTML 28Page - Bosch Sensortec GmbH BME680 Datasheet HTML 29Page - Bosch Sensortec GmbH BME680 Datasheet HTML 30Page - Bosch Sensortec GmbH BME680 Datasheet HTML 31Page - Bosch Sensortec GmbH BME680 Datasheet HTML 32Page - Bosch Sensortec GmbH BME680 Datasheet HTML 33Page - Bosch Sensortec GmbH BME680 Datasheet HTML 34Page - Bosch Sensortec GmbH BME680 Datasheet HTML 35Page - Bosch Sensortec GmbH BME680 Datasheet HTML 36Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
Bosch Sensortec | BME680 Datasheet
32 | 53
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BME680-DS001-09 Revision_1.9_022024
5.3.3 Gas control registers
The sensor can have 10 programmable gas sensor heater set-points. A set-point consists of a target heater resistance,
heater-on time and optionally an initial heater current.
5.3.3.1 Heater current - idac_heat_x
BME680 contains a heater control block that will inject enough current into the heater resistance to achieve the requested
heater temperature. There is a control loop which periodically measures heater resistance value and adapts the value of
current injected from a DAC.
The heater operation could be speeded up by setting an initial heater current for a target heater temperature by using
register idac_heat_x<7:0>. This step is optional since the control loop will find the current after a few iterations anyway. The
current injected to the heater in mA can be calculated by: (idac_heat_7_1 + 1) / 8, where idac_heat_7_1 is the decimal
value stored in idac_heat<7:1> (unsigned, value from 0 to 127).
Heater set-
point
Register name
Address
Content
Description
0...9
idac_heat_x
x is from 0 to 9
0x50…0x59
idac_heat_x<7:0>
x is from 0 to 9
idac_heat of particular heater
set point
5.3.3.2 Target heater resistance - res_heat_x
Target heater resistance is programmed by user through res_heat_x<7:0> registers. The definition of res_heat_x is given in
Section 3.3.5.
Heater set-point
Register name
Address
Content
Description
0...9
res_wait_x
x is from 0 to 9
0x5A…0x63
res_heat_x<7:0>
x is from 0 to 9
Decimal value that needs to be
stored for achieving target
heater resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com