Electronic Components Datasheet Search
  English  ▼

X  

BME680 Datasheet(PDF) 45 Page - Bosch Sensortec GmbH

Part # BME680
Description  Low power gas, pressure, temperature & humidity sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME680 Datasheet(HTML) 45 Page - Bosch Sensortec GmbH

Back Button BME680 Datasheet HTML 41Page - Bosch Sensortec GmbH BME680 Datasheet HTML 42Page - Bosch Sensortec GmbH BME680 Datasheet HTML 43Page - Bosch Sensortec GmbH BME680 Datasheet HTML 44Page - Bosch Sensortec GmbH BME680 Datasheet HTML 45Page - Bosch Sensortec GmbH BME680 Datasheet HTML 46Page - Bosch Sensortec GmbH BME680 Datasheet HTML 47Page - Bosch Sensortec GmbH BME680 Datasheet HTML 48Page - Bosch Sensortec GmbH BME680 Datasheet HTML 49Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 53 page
background image
Bosch Sensortec | BME680 Datasheet
45 | 53
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BME680-DS001-09 Revision_1.9_022024
7.2 Connection diagrams
For the I2C connection, it is recommended to use 100 nF for C1 and C2. Moreover, the value for the pull-up resistors R1 and
R2 should be based on the interface timing and the bus load; a normal value is 4.7 kΩ. Finally, a direct connection between
CSB and VDDIO is required. Similarly for the 4- and 3-wire SPI connections, it is suggested to use 100 nF for C1 and C2.
Picture 12: Connection diagrams for (a) I2C, (b) 4-wire SPI, and (c) 3-wire SPI
(a)
(b)
(c)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com