Electronic Components Datasheet Search
  English  ▼

X  

AX88780 Datasheet(PDF) 16 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 16 Page - ASIX Electronics Corporation

Back Button AX88780 Datasheet HTML 12Page - ASIX Electronics Corporation AX88780 Datasheet HTML 13Page - ASIX Electronics Corporation AX88780 Datasheet HTML 14Page - ASIX Electronics Corporation AX88780 Datasheet HTML 15Page - ASIX Electronics Corporation AX88780 Datasheet HTML 16Page - ASIX Electronics Corporation AX88780 Datasheet HTML 17Page - ASIX Electronics Corporation AX88780 Datasheet HTML 18Page - ASIX Electronics Corporation AX88780 Datasheet HTML 19Page - ASIX Electronics Corporation AX88780 Datasheet HTML 20Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
AX88780
16
ASIX ELECTRONICS CORPORATION
3.11 EEPROM Format
AX88780 will auto-load data from EEPROM device after hardware reset. If the EEPROM device is not attached, the
loading operation will be discarded. The EEPROM mainly provides MAC address information and CIS information if it is
used in PCMCIA environment. Below table is the format if EEPROM device is employed. Note: If the MAC address is 12
34 56 78 9A BC (MSB-LSB) then driver should set MACID0=0x9ABC, MACID1=0x5678 and MACID2=0x1234.
Address
Description
0
Pointer to CIS area starting address. Set this field to 0x0070 to shorten the download EEPROM if there is
no CIS needed. AX88780 only supports 93C56-16bit mode, thus the max value of this field is 0x007F. This
field should not be set to 0x0000 or 0xFFFF; otherwise, AX88780 will not recognize the EEPROM during
hardware reset.
1
MACID0 data
2
MACID1 data
3
MACID2 data
4
Reserved, keep all 0’s
5
Bit0: When LINKLED is set to ‘1’ in reset stage, this bit indicates AX88780 whether or not it is in the
environment of PCMCIA.
0 = General 16-bit mode,
1= Special for PCMCIA environment of 16-bit mode.
Bit1: 0 = Use external PHY,
1 = Use internal PHY. This function is independent from PHY_EN bit of PHY_CTRL register. Either
of both is set will force AX88780 to select internal PHY.
Others bit set to 0s for normal operation
6 ~ 11
Reserved, keep all 0’s
12 ~ 127
CIS area, if it used in PCMCIA system, otherwise don’t care these fields



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com