Electronic Components Datasheet Search
  English  ▼

X  

AX88780 Datasheet(PDF) 20 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 20 Page - ASIX Electronics Corporation

Back Button AX88780 Datasheet HTML 16Page - ASIX Electronics Corporation AX88780 Datasheet HTML 17Page - ASIX Electronics Corporation AX88780 Datasheet HTML 18Page - ASIX Electronics Corporation AX88780 Datasheet HTML 19Page - ASIX Electronics Corporation AX88780 Datasheet HTML 20Page - ASIX Electronics Corporation AX88780 Datasheet HTML 21Page - ASIX Electronics Corporation AX88780 Datasheet HTML 22Page - ASIX Electronics Corporation AX88780 Datasheet HTML 23Page - ASIX Electronics Corporation AX88780 Datasheet HTML 24Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
AX88780
20
ASIX ELECTRONICS CORPORATION
4.4 TX_CFG--TX Configuration Register
Offset Address = 0xFC10
Default = 0x0000_0040
Field
Name
Type
Default
Description
31:7
-
R
All 0’s
Reserved
6
TXCRCAP
R/W
1
TXCRC Auto-Append
When this bit is enabled, AX88780 will append CRC to the transmitted
packet in FCS field.
1 = enable
0 = disable
5
-
R/W
0
Reserved.
4
TXCHKSUM
R/W
0
TX Checksum Generation
When this bit is enabled, AX88780 will append checksum to the transmitted
packet that is IP or TCP or UDP packet.
1 = enable
0 = disable
3:2
-
R
00
Reserved
1:0
TXDS
R
00
TX Description Status
AX88780 reports which descriptor is transmitted now
Default: 00
4.5 TX_CMD--TX Command Register
Offset Address = 0xFC14
Default = 0x0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15
HWI
R/W
0
Host Writes Indication
Before host begins to send a packet to TX buffer, this bit should be set.
At
the end of host writes the packet, this bit should be cleared.
1 = Start Writing
0 = End Writing
14:13
TXDP
R/W
00
TX Descriptor Pointer
To specify which TX descriptor to be written.
12
-
R/W
0
Reserved
11:0
DATALEN
R/W
All 0’s
Byte Count.
Data length is written to transmitted buffer.
4.6 TXBS--TX Buffer Status Register
Offset Address = 0xFC18
Default = 0x0000_0000
Field
Name
Type
Default
Description
31:4
-
R
All 0’s
Reserved
8
INTXDS
R
0
Internal TX descriptor status.
This bit reports the TX descriptor status. When there is data to be transmitted,
this bit will be set to ‘1’ otherwise it will be ‘0’
1 = have data in TX buffer
0 = all data are transmitted to cable
7:6
-
R
00
Reserved
5:4
TXDUSE
R
00
TX Descriptor In Transmitting
These status bits indicate which descriptor is transmitting now.
00: Descriptor 0 in transmitting
01: Descriptor 1 in transmitting
10: Descriptor 2 in transmitting
11: Descriptor 3 in transmitting
3
TXD3O
R/W
0
TX Descriptor 3 Occupied
Driver set this bit to ‘1’ to indicate that it had used TX descriptor3. When the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com