Electronic Components Datasheet Search
  English  ▼

X  

AX88780 Datasheet(PDF) 38 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 38 Page - ASIX Electronics Corporation

Back Button AX88780 Datasheet HTML 34Page - ASIX Electronics Corporation AX88780 Datasheet HTML 35Page - ASIX Electronics Corporation AX88780 Datasheet HTML 36Page - ASIX Electronics Corporation AX88780 Datasheet HTML 37Page - ASIX Electronics Corporation AX88780 Datasheet HTML 38Page - ASIX Electronics Corporation AX88780 Datasheet HTML 39Page - ASIX Electronics Corporation AX88780 Datasheet HTML 40Page - ASIX Electronics Corporation AX88780 Datasheet HTML 41Page - ASIX Electronics Corporation AX88780 Datasheet HTML 42Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
AX88780
38
ASIX ELECTRONICS CORPORATION
6.0 Electrical Specification and Timings
6.1 DC Characteristics
6.1.1 Absolute Maximum Ratings
Symbol
Description
Rating
Units
TSTG
Storage Temperature
-40 to 150
°C
VCC3
Power supply of 3.3V
-0.3 to VCC3 + 0.3
V
VCC2
Power supply of 2.5V
-0.3 to VCC2 + 0.3
V
VI3
Input voltage of 3.3V IO with 5V tolerance
-0.3 to 5.5
V
VI2
Input voltage of 2.5V IO with 3.3V tolerance
-0.3 to 3.9
V
Note: Stress above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to
Absolute Maximum Ratings conditions for extended period, adversely affect device life and reliability.
6.1.2 General Operation Conditions
Symbol
Description
Min
Typ
Max
Units
Tj
Junction temperature
0
-
115
°C
VCC2
Supply Voltage of 2.5V
2.25
2.5
2.75
V
VCC3
Supply Voltage of 3.3V
3.0
3.3
3.6
V
VI3
Input voltage of 3.3V IO with 5V tolerance
0
3.3
5.25
V
VI2
Input voltage of 2.5V IO with 3.3V tolerance
0
2.5
3.6
V
6.1.3 Leakage Current and Capacitance
Symbol
Description
Min
Typ
Max
Units
IIN
Input Leakage Current
-10
±1
+10
μA
IOZ
Tri-state leakage current
-10
±1
+10
μA
COUT
Output capacitance
-
3.1
-
pF
CBID
Bi-directional buffer capacitance
-
3.1
-
pF
6.1.4 DC Characteristics of 2.5V IO Pins
Symbol
Description
Min
Typ
Max
Units
VCC2
Power supply of 2.5V IO
2.25
2.5
2.75
V
Vil
Input low voltage
-
-
0.7
V
Vih
Input high voltage
1.7
-
-
V
Vol
Output low voltage
-
-
0.4
V
Voh
Output high voltage
1.85
V
Rpu
Input pull-up resistance
40
75
190
K
Ω
Rpd
Input pull-down resistance
40
75
190
K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com