Electronic Components Datasheet Search
  English  ▼

X  

AX88780 Datasheet(PDF) 27 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 27 Page - ASIX Electronics Corporation

Back Button AX88780 Datasheet HTML 23Page - ASIX Electronics Corporation AX88780 Datasheet HTML 24Page - ASIX Electronics Corporation AX88780 Datasheet HTML 25Page - ASIX Electronics Corporation AX88780 Datasheet HTML 26Page - ASIX Electronics Corporation AX88780 Datasheet HTML 27Page - ASIX Electronics Corporation AX88780 Datasheet HTML 28Page - ASIX Electronics Corporation AX88780 Datasheet HTML 29Page - ASIX Electronics Corporation AX88780 Datasheet HTML 30Page - ASIX Electronics Corporation AX88780 Datasheet HTML 31Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
AX88780
27
ASIX ELECTRONICS CORPORATION
4.24 MACID0--MAC ID0 Register
Offset Address = 0xFC70h
Default = 0x0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved.
15:0
MID15_0
R/W
0x0000
MAC ID Address [15:0].
This field defines lower address bit15 to bit0 of MAC. The MACID0, MACID1
and MACID2 combine into 48-bit MAC address. The MAC address format is
[47:0] = {MACID2[15:0], MACID1[15:0], MACID0[15:0]}. If the EEPROM is
attached, this field will be auto-loaded from EEPROM after hardware reset.
4.25 MACID1--MAC ID1 Register
Offset Address = 0xFC74
Default = 0x0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved.
15:0
MID31_16
R/W
0x0000
MAC ID Address [31:16].
4.26 MACID2--MAC ID2 Register
Offset Address = 0xFC78h
Default = 0x0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved.
15:0
MID47_32
R/W
0x0000
MAC ID Address [47:32].
4.27 TXLEN--TX Length Register
Offset Address = 0xFC7C
Default = 0x0000_05FC
Field
Name
Type
Default
Description
31:11
-
R
All 0’s
Reserved
10:0
MAXTXLEN
R/W
0x5FC
Max TX packet size
This field defines the maximum raw packet size in transmittance. It is not
included 4 bytes FCS.
4.28 RXFILTER--RX Packet Filter Register
Offset Address = 0xFC80
Default = 0x0000_0004
Field
Name
Type
Default
Description
31:6
-
R
All 0’s
Reserved
5
GOODCRC
R/W
0
Good CRC enable
When this bit is enabled, AX88780 will receive any packet of good
CRC.
1 = enable
0 = disable
4
MULTI_HASH
R/W
0
Receive Multicast packet by lookup hash table.
When this is enabled, AX88780 will receive multicast packet by the
hash mapping function. It will refer to HASTAB0, HASHTAB1,
HASHTAB2 and HASHTAB3 to look up the table.
1 = enable
0 = disable
3
BROADCAST
R/W
0
Receive Broadcast packet
When this bit is enabled, AX88780 will receive the broadcast packet
1 = enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com