Electronic Components Datasheet Search
  English  ▼

X  

AX88780 Datasheet(PDF) 54 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 54 Page - ASIX Electronics Corporation

Back Button AX88780 Datasheet HTML 47Page - ASIX Electronics Corporation AX88780 Datasheet HTML 48Page - ASIX Electronics Corporation AX88780 Datasheet HTML 49Page - ASIX Electronics Corporation AX88780 Datasheet HTML 50Page - ASIX Electronics Corporation AX88780 Datasheet HTML 51Page - ASIX Electronics Corporation AX88780 Datasheet HTML 52Page - ASIX Electronics Corporation AX88780 Datasheet HTML 53Page - ASIX Electronics Corporation AX88780 Datasheet HTML 54Page - ASIX Electronics Corporation AX88780 Datasheet HTML 55Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 54 / 55 page
background image
AX88780
54
ASIX ELECTRONICS CORPORATION
Revision History
Revision
Date
Comment
V1.0
2005/10/4
First edition
V1.1
2006/7/28
1. Some typo errors corrected between Pin diagram and tables.
2. Host read/write timing revised in Section 5.
3. Some bits of registers are updated.
4. Add some connections between MCU and AX88780 in Appendix.
5. Add wake up LAN description in Appendix.
V1.2
2007/3/28
1. Correct some information in Section 3.9 for 16-bit mode operation.
2. Modify the data access timing information in Section 6.2.5, 6.2.6, 6.2.10 and
Appendix A3.
3. Change the default value of PHYIDR1 register for version 3.
4. Add some information in Section 3.11.
5. Modify some descriptions in Section 1.1, 4.6, 4.17, 4.18, 4.19, 4.23,
4.35~37, 4.41.
6. Rearrange the content of Appendix into Appendix A1~A4.
7. Change the number format from 16h’XXXX to 0xXXXX for example.
V1.3
2007/5/4
1.
Swap the XTLN and XTLP pin definitions in Section 2.7.
2.
Correct some typo errors of pin type in Table 4 and Table 6.
V1.4
2007/5/18
1.
Modify max operation frequency of HCLK from 125MHz to 100MHz.
2.
Modify some thermal information in Section 6.1.9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com