Electronic Components Datasheet Search
  English  ▼

X  

AX88780 Datasheet(PDF) 25 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 25 Page - ASIX Electronics Corporation

Back Button AX88780 Datasheet HTML 21Page - ASIX Electronics Corporation AX88780 Datasheet HTML 22Page - ASIX Electronics Corporation AX88780 Datasheet HTML 23Page - ASIX Electronics Corporation AX88780 Datasheet HTML 24Page - ASIX Electronics Corporation AX88780 Datasheet HTML 25Page - ASIX Electronics Corporation AX88780 Datasheet HTML 26Page - ASIX Electronics Corporation AX88780 Datasheet HTML 27Page - ASIX Electronics Corporation AX88780 Datasheet HTML 28Page - ASIX Electronics Corporation AX88780 Datasheet HTML 29Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
AX88780
25
ASIX ELECTRONICS CORPORATION
until the waiting time is expired.
1 = enable
0 = disable
4:1
-
R/W
0000
Reserved, must set to ‘0s’ for normal operation
0
-
R/W
0
Reserved, must set to ‘0s’ for normal operation
4.17 MAC_CFG2--MAC Configuration2 Register
Offset Address = 0xFC48
Default = 0x0000_0100
Field
Name
Type
Default
Description
15:8
-
R/W
0x01
Reserved, keep this field in default value for normal operation.
7:2
JamLT
R/W
000000
Define Jam Limit for backpressure collision account.
Normally set this field at 0x19. It can avoid HUB port going to partition state due to
too many collisions. AX88780 will skip one frame collision backpressure when
collision counter equal to JamLT. The collision count will be reset to zero when
every transmit frame with no collision or receive a frame with no backpressure
collision.
1:0
-
R/W
00
Reserved, must set to ‘00’ for normal operation
4.18 MAC_CFG3--MAC Configuration3 Register
Offset Address = 0xFC4C
Default = 0x0000_060E
Field
Name
Type
Default
Description
15
NOABORT
R/W
0
No Abort
When this bit is enabled, MAC will keep retry transmit current frame even
excessive collision otherwise it will abort current transmission due to
excessive collision.
1 = enable
0 = disable
13:7
IPGR1
R/W
0001100
Inter-Frame Gap segment1
6:0
IPGR2
R/W
0001110
Inter-Frame Gap segment2
4.19 TXPAUT--TX Pause Time Register
Offset Address= 0xFC54
Default = 0x001F_E000
Field
Name
Type
Default
Description
31:23
-
R
Reserved
22:0
TXPVAL
R/W
0x1F_E000
TX Pause Time out
It is used to re-transmit a pause-on frame when pause timer expired and
receive buffer still not enough.
In 32-bit mode, this field should be set to 0x7F_8000.
In 16-bit mode, this field should be set to 0xFFFF at 10/100Mbps modes.
(Note: The bit 16 ~ 22 of this field are invalid in 16-bit mode.)
4.20 RXBTHD0--RX buffer Threshold0 Register
Offset Address= 0xFC58
Default = 0x0000_0300
Field
Name
Type
Default
Description
31:11
-
R
All 0’s
Reserved
10:0
RXLOWB
R/W
0x300
RX Remainder Capacity Low-Bound
This field defines as the remainder capacity of RX buffer for pause
operation. If the flow control (bit12 of MACCFG0) is enabled, MAC will
send pause frame when the available space of receive buffer is less than
this value. The unit is 16-byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com