Electronic Components Datasheet Search
  English  ▼

X  

BM83 Datasheet(PDF) 36 Page - Microchip Technology

Part # BM83
Description   BM83 Bluetooth® Stereo Audio Module Data Sheet
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 36 Page - Microchip Technology

Back Button BM83 Datasheet HTML 32Page - Microchip Technology BM83 Datasheet HTML 33Page - Microchip Technology BM83 Datasheet HTML 34Page - Microchip Technology BM83 Datasheet HTML 35Page - Microchip Technology BM83 Datasheet HTML 36Page - Microchip Technology BM83 Datasheet HTML 37Page - Microchip Technology BM83 Datasheet HTML 38Page - Microchip Technology BM83 Datasheet HTML 39Page - Microchip Technology BM83 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 76 page
background image
4.
Bluetooth Transceiver
The BM83 module is designed and optimized for the Bluetooth 2.4 GHz system. It contains a complete RF
Transmitter (TX)/Receiver (RX) section. An internal synthesizer generates a stable clock for synchronizing with
another device.
4.1
Transmitter
The IS2083BM device has an internal Medium Power Amplifier (MPA) and a Low Power Amplifier (LPA). The MPA
supports up to +11 dBm output power for Bluetooth Class1 applications, and the LPA supports +1 dBm output power
for the Class 2 applications. The transmitter performs the I/Q conversion to minimize the frequency drift.
4.2
Receiver
• The Low-Noise Amplifier (LNA) operates with TR-Combined mode with LPA for single port application. It
removes the need for an external TX/RX switch.
• The ADC is used to sample the input analog signal and convert it into a digital signal for demodulator analysis. A
channel filter has been integrated into the receiver channel before the ADC, which is used to reduce the external
component count and increase the anti-interference capability.
• The image rejection filter is used to reject the image frequency for low-Intermediate Frequency (IF) architecture
and to reduce external Band Pass Filter (BPF) component for a super heterodyne architecture.
• Received Signal Strength Indicator (RSSI) signal feedback to the processor is used to control the RF output
power to make a good trade-off for effective distance and current consumption.
4.3
Synthesizer
A synthesizer generates a clock for radio transceiver operation. There is a Voltage-Controlled Oscillator (VCO) inside
with a tunable internal LC tank that can reduce variation for components. A crystal oscillator with an internal digital
trimming circuit provides a stable clock for the synthesizer.
4.4
Modulator-Demodulator
• For Bluetooth 1.2 specification and below, 1 Mbps is the standard data rate based on the Gaussian Frequency
Shift Keying (GFSK) modulation scheme. This BR modem meets BDR requirements of Bluetooth 2.0 with EDR
specifications.
• For Bluetooth 2.0 and above specifications, EDR is introduced to provide the data rates of 1/2/3 Mbps.
• For baseband, both BDR and EDR utilize the same 1 MHz symbol rate and 1.6 kHz slot rate.
• For BDR, symbol 1 represents 1-bit. However, each symbol in the payload part of EDR packet represents 2/3
bits. This is achieved by using two different modulations – π/4 Differential Quadrature Phase Shift Keying
(DQPSK) and 8-Differential Phase Shift Keying (DPSK).
4.5
Adaptive Frequency Hopping
The BM83 module has an AFH function to avoid RF interference. It has an algorithm to check the nearby interference
and to choose clear channel for transceiver Bluetooth signal.
BM83
Bluetooth Transceiver
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com