Electronic Components Datasheet Search
  English  ▼

X  

BM83 Datasheet(PDF) 55 Page - Microchip Technology

Part # BM83
Description   BM83 Bluetooth® Stereo Audio Module Data Sheet
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 55 Page - Microchip Technology

Back Button BM83 Datasheet HTML 51Page - Microchip Technology BM83 Datasheet HTML 52Page - Microchip Technology BM83 Datasheet HTML 53Page - Microchip Technology BM83 Datasheet HTML 54Page - Microchip Technology BM83 Datasheet HTML 55Page - Microchip Technology BM83 Datasheet HTML 56Page - Microchip Technology BM83 Datasheet HTML 57Page - Microchip Technology BM83 Datasheet HTML 58Page - Microchip Technology BM83 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 76 page
background image
8.
Physical Dimensions
The following figures illustrate the PCB dimension and the recommended PCB footprint of the BM83 module.
Figure 8-1. BM83 Module PCB Dimension
1
Dim en sion s a re in Millim eters
Not e:
P CB dim en sion s: X: 15.0 m m , Y: 32.0 m m a n d t olera n ces: 0.25 m m .
Tolera nces:
P CB Th ickn ess:±0.6 mm
0
0.50
22
0
1.90
2.90
3.90
4.90
7.90
9.90
10.90
11.90
12.90
13.90
14.90
15.90
16.90
18.90
19.90
26
0
20.90
0
5.90
8.90
17.90
20.90
0
6.90
S h ie ld Mo u n tin g
Ho le
54
53
59
58
57
56
0
1.90
2.90
3.90
4.90
5.90
6.90
7.90
8.90
9.90
10.90
11.90
12.90
13.90
14.90
15.90
16.90
17.90
18.90
19.90
20.90
26
32
0
22
P CB ANT
50
Bot t om View
Side View
TopView
1
55
Sheid Mount ing
H ole
Pad Details
Pins 56-57 are GND pads. It is recommended to have these pads included in
the module footprint on the host board.
Pins 51-59 (except 56 and 57) are used only for testing purpose.
BM83
Physical Dimensions
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com