Electronic Components Datasheet Search
  English  ▼

X  

BM83 Datasheet(PDF) 43 Page - Microchip Technology

Part # BM83
Description   BM83 Bluetooth® Stereo Audio Module Data Sheet
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Datasheet(HTML) 43 Page - Microchip Technology

Back Button BM83 Datasheet HTML 39Page - Microchip Technology BM83 Datasheet HTML 40Page - Microchip Technology BM83 Datasheet HTML 41Page - Microchip Technology BM83 Datasheet HTML 42Page - Microchip Technology BM83 Datasheet HTML 43Page - Microchip Technology BM83 Datasheet HTML 44Page - Microchip Technology BM83 Datasheet HTML 45Page - Microchip Technology BM83 Datasheet HTML 46Page - Microchip Technology BM83 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 76 page
background image
6.3
Configuring and Programming
6.3.1
Test Mode
The BM83 module can be configured by using the Config Tool and the firmware is programmed by using the isUpdate
tool. The following table provides the settings for configuring the BM83 module for Test mode or Application mode.
Table 6-1. BM83 Module - Test Mode Configuration Settings
Pins
Status
Mode
P3_4
Low
Test mode
Floating
Application mode
Note:  The BM83 module provides Test mode, which allows customers to use existing module manufacturing and
testing equipment and flow to test the BM83 modules without reinvesting in new test equipment. New customers are
encouraged to use the new RF test modes defined for this device.
Test mode allows an external UART host to communicate with the BM83 using Bluetooth vendor commands over the
UART interface. The host can interface with the driver firmware on the BM83 module to perform TX/RX operations
and to collect/report Bit Error Rate (BER) and other RF performance parameters. These values can then be used to
accept/reject the device and/or calibrate the module.
6.3.2
2-wire JTAG Program and Debug
The BM83 (IS2083BM) provides physical interface for connecting and programming the memory contents, see the
following figure. For all the programming interfaces, the target device (IS2083BM) must be powered, and all required
signals must be connected. In addition, the interface must be enabled through a special initialization sequence.
Note:  For more details on 2-wire prog/debug, refer to the IS2083 SDK User’s Guide and IS2083 SDK Debugger
User’s Guide .
Figure 6-5. 2-wire In-Circuit Serial Programming (ICSP) Interface
IS283BM SoC
BM83
(IS2083BM)
Programmer/
Debugger
2-Wire
ICSP TM
The 2-wire ICSP port can be used to program the memory content. This interface uses the following two
communication lines to transfer data to and from the BM83 (IS2083BM) device being programmed:
• Serial Program Clock (TCK_CPU)
• Serial Program Data (TDI_CPU)
These signals are described in the following sections. The following table describes the signals required for the 2-wire
ICSP interface.
Table 6-2. 2-wire Interface Pin Description
Pin Name
Pin Type
Description
RST_N
I
Reset pin
VDD_IO, ADAP_IN, BAT_IN
P
Power supply pins
BM83
Application Information
© 2020 Microchip Technology Inc.
Datasheet
DS70005402C-page 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com